Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS7828 Datasheet (PDF) - Texas Instruments

ADS7828 Datasheet PDF - Texas Instruments
Part # ADS7828
Download  ADS7828 Download
File Size   1145.5 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS7828-Q1 12-Bit 8-Channel Sampling Analog-to-Digital Converter With I2C Interface

ADS7828 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS7828 Datasheet PDF - Texas Instruments

Part # ADS7828
Download  ADS7828 Click to download

File Size   1145.5 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS7828-Q1 12-Bit 8-Channel Sampling Analog-to-Digital Converter With I2C Interface

ADS7828 Datasheet (HTML) - Texas Instruments


ADS7828 Product details

1 Features
1• Qualified for Automotive Applications
• 8-Channel Multiplexer
• 50-kHz Sampling Rate
• No Missing Codes
• 2.7 V to 5 V Operation
• Internal 2.5-V Reference
• I2C Interface Supports Standard, Fast, and High-
Speed Modes

2 Applications
• Automotive Head Units
• Heads-Up Display (HUD)
• Automotive Battery Management Systems
• Automotive On-Board Chargers
• Voltage-Supply Monitoring
• Isolated Data Acquisition
• Transducer Interfaces
• Battery-Operated Systems
• Remote Data Acquisition
• NOx Sensors
• Ssot and Particulate Matter (PM) Sensors
• Oxygen (O2, Lambda, A/F) Sensors
• Ammonia (NH3) Sensors
• Other Emissions and Gas Sensors

3 Description
The ADS7828 is a single-supply low-power 12-bit
data acquisition device that features a serial I2C interface and an 8-channel multiplexer. The analog-
to-digital converter (ADC) features a sample-and-hold
amplifier and internal asynchronous clock. The
combination of an I2C serial 2-wire interface and micropower consumption makes the ADS7828 ideal
for applications requiring the ADC to be close to the
input source in remote locations and for applications
requiring isolation. The ADS7828 is available in a
TSSOP-16 package.




Similar Part No. - ADS7828

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7828 TI-ADS7828 Datasheet
290Kb / 17P
12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
ADS7828 TI-ADS7828 Datasheet
860Kb / 22P
12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C Interface
ADS7828 TI1-ADS7828 Datasheet
877Kb / 23P
12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
ADS7828 TI1-ADS7828 Datasheet
876Kb / 22P
ANALOG-TO-DIGITAL CONVERTER
ADS7828 TI2-ADS7828 Datasheet
996Kb / 23P
12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C™ Interface
REVISED MARCH 2005
More results


Similar Description - ADS7828

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7830 BURR-BROWN-ADS7830 Datasheet
251Kb / 16P
8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
logo
Texas Instruments
ADS7828 TI-ADS7828 Datasheet
290Kb / 17P
12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
logo
ams AG
AS1538 AMSCO-AS1538 Datasheet
80Kb / 2P
8-Channel, 12-Bit I2C Analog-to-Digital Converter
AS1538 AMSCO-AS1538_1 Datasheet
749Kb / 20P
8/4-Channel, 12-Bit I2C Analog-to-Digital Converter
logo
Texas Instruments
ADS7828-Q1 TI1-ADS7828-Q1 Datasheet
340Kb / 22P
12-BIT 8-CHANNEL SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH I2C??INTERFACE
ADS7828E TI-ADS7828E Datasheet
860Kb / 22P
12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C Interface
ADS7830 TI1-ADS7830_14 Datasheet
930Kb / 27P
8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
ADS7828 TI1-ADS7828_14 Datasheet
877Kb / 23P
12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
ADS1000 TI1-ADS1000_14 Datasheet
629Kb / 23P
LOW-POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
ADS7828-Q1 TI1-ADS7828-Q1_16 Datasheet
1Mb / 35P
12-Bit 8-Channel Sampling Analog-to-Digital Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com