Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS7812P Datasheet (PDF) - Texas Instruments

ADS7812P Datasheet PDF - Texas Instruments
Part # ADS7812P
Download  ADS7812P Download
File Size   1215.17 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER

ADS7812P Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS7812P Datasheet PDF - Texas Instruments

Part # ADS7812P
Download  ADS7812P Click to download

File Size   1215.17 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER

ADS7812P Datasheet (HTML) - Texas Instruments


ADS7812P Product details

FEATURES
20μs max CONVERSION TIME
SINGLE +5V SUPPLY OPERATION
PIN-COMPATIBLE WITH 16-BIT ADS7813
EASY-TO-USE SERIAL INTERFACE
0.3" DIP-16 AND SO-16
±0.5LSB max INL AND DNL
72dB min SINAD
USES INTERNAL OR EXTERNAL
REFERENCE
MULTIPLE INPUT RANGES
35mW max POWER DISSIPATION
NO MISSING CODES
50μW POWER DOWN MODE

APPLICATIONS
DATA ACQUISITION SYSTEMS
INDUSTRIAL CONTROL
TEST EQUIPMENT
DIGITAL SIGNAL PROCESSING

DESCRIPTION
The ADS7812 is a low-power, single +5V supply, 12-bit
sampling analog-to-digital converter. It contains a complete
12-bit capacitor-based SAR A/D with a sample/hold, clock,
reference, and serial data interface.
The converter can be configured for a variety of input ranges
including ±10V, ±5V, 0V to 10V, and 0.5V to 4.5V. A high
impedance 0.3V to 2.8V input range is also available (input
impedance > 10MΩ). For most input ranges, the input
voltage can swing to +16.5V or –16.5V without damage to
the converter.
A flexible SPI compatible serial interface allows data to be
synchronized to an internal or external clock. The ADS7812
is specified at a 40kHz sampling rate over the –40°C to
+85°C temperature range. It is available in a 0.3" DIP-16 or
an SO-16 package.




Similar Part No. - ADS7812P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7812P BURR-BROWN-ADS7812P Datasheet
381Kb / 17P
Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7812P TI1-ADS7812P Datasheet
1,014Kb / 25P
Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7812P TI1-ADS7812P Datasheet
1Mb / 25P
Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7812PB BURR-BROWN-ADS7812PB Datasheet
381Kb / 17P
Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7812PB TI1-ADS7812PB Datasheet
1,014Kb / 25P
Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Similar Description - ADS7812P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7808 BURR-BROWN-ADS7808 Datasheet
251Kb / 10P
12-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
ADS7812 BURR-BROWN-ADS7812 Datasheet
381Kb / 17P
Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7813 BURR-BROWN-ADS7813 Datasheet
376Kb / 17P
Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Sipex Corporation
SP8531 SIPEX-SP8531 Datasheet
254Kb / 16P
12-Bit Sampling Serial Out Analog to Digital Converter
logo
Burr-Brown (TI)
ADS7808 BURR-BROWN-ADS7808_07 Datasheet
329Kb / 13P
12-Bit 10us Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS7813 TI1-ADS7813 Datasheet
1,007Kb / 25P
Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7812 TI1-ADS7812 Datasheet
1,014Kb / 25P
Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7806 TI1-ADS7806 Datasheet
1Mb / 25P
Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7812 TI1-ADS7812_15 Datasheet
1Mb / 25P
Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7813 TI1-ADS7813_16 Datasheet
1Mb / 25P
Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com