Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS8326 Datasheet (PDF) - Texas Instruments

ADS8326 Datasheet PDF - Texas Instruments
Part # ADS8326
Download  ADS8326 Download
File Size   1153.74 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER

ADS8326 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS8326 Datasheet PDF - Texas Instruments

Part # ADS8326
Download  ADS8326 Click to download

File Size   1153.74 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER

ADS8326 Datasheet (HTML) - Texas Instruments


ADS8326 Product details

1FEATURES
23• 16 Bits No Missing Codes (Full-Supply Range,
High or Low Grade)
• Very Low Noise: 3LSBPP
• Excellent Linearity:
±1LSB typ, ±1.5LSB max INL
±0.6LSB typ, ±1LSB max DNL
±1mV max Offset
±12LSB typ Gain Error
• microPower:
10mW at 5V, 250kHz
4mW at 2.7V, 200kHz
2mW at 2.7V, 100kHz
0.2mW at 2.7V, 10kHz
• MSOP-8 and SON-8 Packages
(SON-8 package same as 3x3 QFN)
• 16-Bit Upgrade to the 12-Bit ADS7816 and
ADS7822
• Pin-Compatible with the ADS7816, ADS7822,
ADS7826, ADS7827, ADS7829, ADS8320, and
ADS8325
• Serial ( SPI™/SSI) Interface

APPLICATIONS
• Battery-Operated Systems
• Remote Data Acquisition
• Isolated Data Acquisition
• Simultaneous Sampling, Multichannel
Systems
• Industrial Controls
• Robotics
• Vibration Analysis

DESCRIPTION
The ADS8326 is a 16-bit, sampling, analog-to-digital
(A/D) converter specified for a supply voltage range
from 2.7V to 5.5V. It requires very little power, even
when operating at the full data rate. At lower data
rates, the high speed of the device enables it to
spend most of its time in the power-down mode. For example, the average power dissipation is less than
0.2mW at a 10kHz data rate.
The ADS8326 offers excellent linearity and very low
noise and distortion. It also features a synchronous
serial (SPI/SSI-compatible) interface and a differential
input. The reference voltage can be set to any level
within the range of 0.1V to VDD.
Low power and small size make the ADS8326 ideal
for portable and battery-operated systems. It is also a
perfect fit for remote data-acquisition modules,
simultaneous multichannel systems, and isolated
data acquisition. The ADS8326 is available in either
an MSOP-8 and an SON-8 package.




Similar Part No. - ADS8326

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8326 BURR-BROWN-ADS8326 Datasheet
711Kb / 31P
16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling
logo
Texas Instruments
ADS8326 TI1-ADS8326 Datasheet
1Mb / 39P
16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8326I BURR-BROWN-ADS8326I Datasheet
711Kb / 31P
16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling
ADS8326IB BURR-BROWN-ADS8326IB Datasheet
711Kb / 31P
16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling
ADS8326IBDGKR BURR-BROWN-ADS8326IBDGKR Datasheet
711Kb / 31P
16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling
More results


Similar Description - ADS8326

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8320 BURR-BROWN-ADS8320 Datasheet
105Kb / 13P
16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8325 BURR-BROWN-ADS8325 Datasheet
444Kb / 21P
16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8326 BURR-BROWN-ADS8326 Datasheet
711Kb / 31P
16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling
logo
Texas Instruments
ADS8317 TI-ADS8317 Datasheet
802Kb / 29P
16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320EB TI-ADS8320EB Datasheet
860Kb / 21P
16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8325 TI1-ADS8325_14 Datasheet
1Mb / 37P
16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8317 TI1-ADS8317_14 Datasheet
1Mb / 36P
16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8326 TI1-ADS8326 Datasheet
1Mb / 39P
16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320 TI1-ADS8320 Datasheet
875Kb / 21P
16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8325 TI1-ADS8325 Datasheet
1Mb / 36P
16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com