Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS7883S Datasheet (PDF) - Texas Instruments

ADS7883S Datasheet PDF - Texas Instruments
Part # ADS7883S
Download  ADS7883S Download
File Size   1192.96 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER

ADS7883S Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS7883S Datasheet PDF - Texas Instruments

Part # ADS7883S
Download  ADS7883S Click to download

File Size   1192.96 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER

ADS7883S Datasheet (HTML) - Texas Instruments


ADS7883S Product details

1FEATURES
· 3-MHz Sample Rate Serial Device
· 12-Bit Resolution
· Zero Latency
· 48-MHz Serial Interface
· Supply Range: 2.7 V to 5.5 V
· Low Power Dissipation:
– 6.45 mW at 3-V VDD, 2 MSPS
– 13.5 mw at 5-V VDD, 3 MSPS
· ±0.6 LSB INL, ±0.5 LSB DNL
· 72 dB SINAD, –84 dB THD
· Unipolar Input Range: 0 V to VDD
· Power-Down Current: 1 μA
· Wide Input Bandwidth: 30 MHz at 3 dB
· 6-Pin SOT23 Package

APPLICATIONS
· Base Band Converters in Radio
Communication
· Motor Current/Bus Voltage Sensors in Digital Drives
· Optical Networking (DWDM, MEMS Based
Switching)
· Optical Sensors
· Battery Powered Systems
· Medical Instrumentations
· High-Speed Data Acquisition Systems
· High-Speed Closed-Loop Systems

DESCRIPTION
The ADS7883 is a 12-bit, 3-MSPS analog-to-digital converter (ADC). The device includes a capacitor based SAR
A/D converter with inherent sample and hold. The serial interface in the device is controlled by the CS and SCLK
signals for glueless connections with microprocessors and DSPs. The input signal is sampled with the falling
edge of CS, and SCLK is used for conversion and serial data output.
The device operates from a wide supply range from 2.7 V to 5.5 V. The low power consumption of the device
makes it suitable for battery-powered applications. The device also includes a power saving power-down feature
for when the device is operated at lower conversion speeds.
The high level of the digital input to the device is not limited to device VDD. Therefore the digital input can go as
high as 5.5 V when the device supply is 2.7 V. This feature is useful when digital signals are received from
another circuit with different supply levels. This also reduces restrictions on power-up sequencing.
The ADS7883 is available in a 6-pin SOT23 package and is specified for operation from –40°C to 125°C.




Similar Part No. - ADS7883S

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7883S TI-ADS7883S Datasheet
645Kb / 17P
12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7883SB TI-ADS7883SB Datasheet
645Kb / 17P
12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7883SBDBVR TI-ADS7883SBDBVR Datasheet
645Kb / 17P
12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7883SBDBVR TI1-ADS7883SBDBVR Datasheet
1Mb / 20P
12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7883SBDBVT TI-ADS7883SBDBVT Datasheet
645Kb / 17P
12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
More results


Similar Description - ADS7883S

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7881 TI-ADS7881 Datasheet
337Kb / 26P
12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7886 TI-ADS7886 Datasheet
1Mb / 17P
12-Bit, 1-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
ADS7883 TI-ADS7883_08 Datasheet
645Kb / 17P
12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7882 TI-ADS7882 Datasheet
651Kb / 29P
12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7891IPFBT TI1-ADS7891IPFBT Datasheet
993Kb / 31P
14-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7881 BURR-BROWN-ADS7881_13 Datasheet
831Kb / 31P
12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7883 TI1-ADS7883_14 Datasheet
1Mb / 20P
12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7886 TI1-ADS7886_14 Datasheet
1Mb / 24P
12-Bit, 1-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
ADS7882 TI1-ADS7882_14 Datasheet
1,021Kb / 30P
12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS8319 TI1-ADS8319_15 Datasheet
1Mb / 36P
Serial Interface, Micropower, Miniature SAR Analog-to-Digital Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com