Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE5807ZCF Datasheet (PDF) - Texas Instruments

AFE5807ZCF Datasheet PDF - Texas Instruments
Part # AFE5807ZCF
Download  AFE5807ZCF Download
File Size   1235.38 Kbytes
Page   75 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 1.05 nV/rtHz, 12-Bit, 80 MSPS, 117 mW/CH

AFE5807ZCF Datasheet (PDF)

Go To PDF Page Download Datasheet
AFE5807ZCF Datasheet PDF - Texas Instruments

Part # AFE5807ZCF
Download  AFE5807ZCF Click to download

File Size   1235.38 Kbytes
Page   75 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 1.05 nV/rtHz, 12-Bit, 80 MSPS, 117 mW/CH

AFE5807ZCF Datasheet (HTML) - Texas Instruments


AFE5807ZCF Product details

FEATURES
• 8-Channel Complete Analog Front-End
– LNA, VCAT, PGA, LPF, ADC, and CW Mixer
• Programmable Gain Low-Noise Amplifier
(LNA)
– 24/18/12 dB Gain
– 0.25/0.5/1 VPP Linear Input Range
– 0.63/0.7/0.9 nV/rtHz IRN (Low Noise Mode)
– 0.99/1.0/1.05 nV/rtHz IRN (Low Power Mode)
– Programmable Active Termination
• 40 dB Low Noise Voltage Controlled
Attenuator (VCAT)
• 24/30 dB Programmable Gain Amplifier (PGA)
• 3rd Order Linear Phase Low-Pass Filter (LPF)
– 10, 15, 20, 30 MHz
• 12-bit Analog to Digital Converter (ADC)
– 70 dBFS SNR at 80 MSPS
– LVDS Outputs
• Noise/Power Optimizations (Full Chain)
– 117 mW/CH at 1.05 nV/rtHz, 80 MSPS
– 159 mW/CH at 0.75 nV/rtHz, 80 MSPS
– 80 mW/CH at CW Mode
• Excellent Device-to-Device Gain Matching
– ±0.5 dB(typical) and ±1 dB(max)
• Low Harmonic Distortion
• Fast and Consistent Overload Recovery
• Passive Mixer for Continuous Wave onDoppler(
CWD)
– Low Close-in Phase Noise –156 dBc/Hz at 1
KHz off 2.5 MHz Carrier
– Phase Resolution of 1/16λ
– Support 16X, 8X, 4X and 1X CW Clocks
– 12dB Suppression on 3rd and 5th Harmonics
– Flexible Input Clocks
• Small Package: 15 mm x 9 mm, 135-BGA

APPLICATIONS
• Medical Ultrasound Imaging
• Nondestructive Evaluation Equipments

DESCRIPTION
The AFE5807 is an integrated Analog Front-End
(AFE) solution specifically designed for ultrasound
systems in which high performance and small size
are required. The AFE5807 integrates a complete
time-gain-control (TGC) imaging path and a
continuous wave Doppler (CWD) path. It also enables
users to select one of various power/noise
combinations to optimize system performance.
Therefore, the AFE5807 is a suitable ultrasound
analog front end solution not only for high-end
systems, but also for portable systems.
The AFE5807 contains eight channels of voltage
controlled amplifier (VCA), 12-bit Analog-to-Digital
Converter (ADC), and CW mixer. The VCA includes
Low noise Amplifier (LNA), Voltage controlled
Attenuator(VCAT), Programmable Gain Amplifier
(PGA), and Low-Pass Filter (LPF). The LNA gain is
programmable to support 250 mVPP to 1 VPP input
signals. Programmable active termination is also
supported by the LNA. The ultra-low noise VCAT
provides an attenuation control range of 40 dB and
improves overall low gain SNR which benefits harmonic imaging and near field imaging. The PGA
provides gain options of 24 dB and 30 dB. Before the
ADC, a LPF can be configured as 10 MHz, 15 MHz,
20 MHz or 30 MHz to support ultrasound applications
with different frequencies. The high-performance 12
bit/80 MSPS ADC in the AFE5807 achieves 70 dBFS
SNR. It ensures excellent SNR at low chain gain. The
ADC’s LVDS outputs enable flexible system
integration desired for miniaturized systems. The
AFE5807 also integrates a low power passive mixer
and a low noise summing amplifier to accomplish onDoppler(
chip CWD beamformer. 16 selectable phase-delays
can be applied to each analog input signal.
Meanwhile a unique 3rd and 5th order harmonic suppression filter is implemented to enhance CW
sensitivity.
The AFE5807 is available in a 15mm × 9mm, 135-pin
BGA package and it is specified for operation from
0°C to 85°C. It is also pin-to-pin compatible to the
AFE5808, AFE5803, and AFE5808A. In addtion, AFE5809 is another member with enhanced digital
demodulation features in this family.




Similar Part No. - AFE5807ZCF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE5807ZCF TI1-AFE5807ZCF Datasheet
1Mb / 74P
Fully Integrated, 8-Channel Ultrasound Analog Front End
AFE5807ZCF TI1-AFE5807ZCF Datasheet
1Mb / 71P
Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 1.05 nV/rtHz, 12-Bit, 80 MSPS, 117 mW/CH
More results


Similar Description - AFE5807ZCF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE5807 TI1-AFE5807 Datasheet
1Mb / 71P
Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 1.05 nV/rtHz, 12-Bit, 80 MSPS, 117 mW/CH
AFE5808 TI1-AFE5808 Datasheet
1Mb / 68P
Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 0.75nV/rtHz, 14/12-Bit, 65MSPS, 153mW/CH
AFE5808A TI1-AFE5808A Datasheet
1Mb / 66P
Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
VCA5807 TI-VCA5807 Datasheet
1Mb / 64P
Fully Integrated, 8-Channel Voltage Controlled Amplifier for Ultrasound with Passive CW Mixer, 0.75 nV/rtHz, 99 mW/CH
AFE5809 TI-AFE5809_13 Datasheet
1Mb / 90P
Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, and Digital I/Q Demodulator, 0.75 nV/rtHz, 14, 12-Bit, 65 MSPS, 158 mW/CH
AFE5808 TI1-AFE5808_14 Datasheet
1Mb / 76P
Fully Integrated, 8-Channel Ultrasound Analog Front End With Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 153 mW/CH
AFE5807 TI1-AFE5807_14 Datasheet
1Mb / 75P
Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 1.05 nV/rtHz, 12-Bit, 80 MSPS, 117 mW/CH
AFE5803 TI1-AFE5803_14 Datasheet
791Kb / 53P
Fully Integrated, 8-Channel Ultrasound Analog Front End, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
AFE5812 TI-AFE5812_15 Datasheet
2Mb / 109P
AFE5812 Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, and Digital I/Q Demodulator, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 180 mW/CH
AFE5808A TI1-AFE5808A_17 Datasheet
1Mb / 83P
65-MSPS, 158 mW/Channel, Fully-Integrated, 8-Channel, 14- and 12-Bit, Ultrasound Analog Front-End With Passive CW Mixer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com