Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS8318 Datasheet (PDF) - Texas Instruments

ADS8318 Datasheet PDF - Texas Instruments
Part # ADS8318
Download  ADS8318 Download
File Size   1234.43 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS8339 16-Bit, 250-kSPS, Serial Interface, Micro-Power, Miniature, SAR Analog-to-Digital Converter

ADS8318 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS8318 Datasheet PDF - Texas Instruments

Part # ADS8318
Download  ADS8318 Click to download

File Size   1234.43 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS8339 16-Bit, 250-kSPS, Serial Interface, Micro-Power, Miniature, SAR Analog-to-Digital Converter

ADS8318 Datasheet (HTML) - Texas Instruments


ADS8318 Product details

1 Features
1• Sample Rate: 250 kHz
• 16-Bit Resolution
• Zero Latency at Full Speed
• Unipolar Single-Ended Input Range:
– 0 V to Vref
• SPI™-Compatible Serial Interface with Daisy- daisyChain
Option
• Uses Internal Clock for Conversion
• Excellent Performance:
– 93.6 dB SNR (typ) at 10-kHz Input
– –106 dB THD (typ) at 10-kHz Input
– ±2.0 LSB INL (max)
– ±1.0 LSB DNL (max)
• Low-Power Dissipation:
– 17.5 mW (typ) at 250 kSPS
• Power Scales Linearly with Speed:
– 1.75 mW at 25 kSPS
• Power Dissipation During Power-Down State:
– 0.25 μW (typ)
• Package: VSSOP-10

2 Applications
• Battery-Powered Equipment
• Data Acquisition Systems
• Instrumentation and Process Controls
• Medical Electronics
• Optical Networking

3 Description
The ADS8339 is a 16-bit, 250-kSPS, analog-to-digital
converter (ADC). The device operates with a 2.25-V to 5.5-V external reference. The device includes a
capacitor-based, successive-approximation register
SAR) ADC with an inherent sample-and-hold circuit.
The device includes a 25-MHz, SPI-compatible serial
interface. The interface is designed to support daisyChain
chaining or cascading of multiple devices.
Furthermore, a busy indicator makes synchronizing with the digital host easy. The unipolar, single-ended
input range for the device supports an input swing of
0 V to Vref.
The device is optimized for low-power operation and
power consumption scales directly with speed. This
feature makes the device attractive for lower speed applications. The ADS8339 is available in a VSSOP-
10 package.




Similar Part No. - ADS8318

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8318 TI-ADS8318 Datasheet
1Mb / 28P
16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8318 TI-ADS8318 Datasheet
1Mb / 44P
18-Bit, 100-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8318 TI1-ADS8318 Datasheet
1Mb / 35P
16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS8318IBDGSR TI-ADS8318IBDGSR Datasheet
1Mb / 28P
16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8318IBDGSR TI1-ADS8318IBDGSR Datasheet
1Mb / 35P
16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
More results


Similar Description - ADS8318

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8318 TI-ADS8318 Datasheet
1Mb / 28P
16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8319 TI-ADS8319 Datasheet
1Mb / 30P
16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8864IDGS TI1-ADS8864IDGS Datasheet
1Mb / 45P
16-Bit 400-kSPS Serial Interface microPower Miniature Single-Ended Input SAR Analog-to-Digital Converter
ADS8867 TI1-ADS8867_14 Datasheet
1Mb / 45P
16-Bit, 100-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8866 TI1-ADS8866_14 Datasheet
1Mb / 42P
16-Bit, 100-kSPS, Serial Interface, microPower, Miniature Single-Ended Input, SAR Analog-to-Digital Converter
ADS8865 TI1-ADS8865_14 Datasheet
1Mb / 49P
16-Bit, 400-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8863 TI1-ADS8863_14 Datasheet
1Mb / 49P
16-Bit, 680-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8318 TI1-ADS8318_14 Datasheet
1Mb / 35P
16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS8319 TI1-ADS8319_14 Datasheet
1Mb / 36P
16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8339 TI1-ADS8339 Datasheet
1Mb / 40P
ADS8339 16-Bit, 250-kSPS, Serial Interface, Micro-Power, Miniature, SAR Analog-to-Digital Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com