Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ25100 Datasheet (PDF) - Texas Instruments

BQ25100 Datasheet PDF - Texas Instruments
Part # BQ25100
Download  BQ25100 Download
File Size   1152.93 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description bq25100B 250-mA Single Cell Li-Ion Battery Chargers, 1-mA Termination, 75-nA Battery Leakage

BQ25100 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ25100 Datasheet PDF - Texas Instruments

Part # BQ25100
Download  BQ25100 Click to download

File Size   1152.93 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description bq25100B 250-mA Single Cell Li-Ion Battery Chargers, 1-mA Termination, 75-nA Battery Leakage

BQ25100 Datasheet (HTML) - Texas Instruments


BQ25100 Product details

1 Features
1• Charging
– 1% Charge Voltage Accuracy
– 10% Charge Current Accuracy
– Supports Applications for Very Low Charge
Currents - 10 mA to 250 mA
– Supports Minimum 1-mA Charge Termination
Current
– Ultra Low Battery Output Leakage Current -
Maximum 75 nA
– Adjustable Termination and Precharge
Threshold
– High voltage Chemistry Support: 4.30 V
• Protection
– 30-V Input Rating; with 6.5-V Input
Overvoltage Protection
– Input Voltage Dynamic Power Management
– 125°C Thermal Regulation; 150°C Thermal
Shutdown Protection
– OUT Short-Circuit Protection and ISET Short
Detection
– Fixed 10 Hour Safety Timer
• System
– Automatic Termination and Timer Disable
Mode (TTDM) for Absent Battery Pack
– Available in Small 1.60 mm × 0.90 mm
DSBGA Package

2 Applications
• Fitness Accessories
• Smart Watches
• Bluetooth® Headsets
• Low-Power Handheld Devices

3 Description
The bq25100B device is a highly integrated Li-Ion
and Li-Pol linear charger targeted at space-limited
portable applications. The high input voltage range
with input overvoltage protection supports low-cost
unregulated adapters.
The bq25100B has a single power output that
charges the battery. A system load can be placed in
parallel with the battery as long as the average
system load does not keep the battery from charging
fully during the 10 hour safety timer.
The battery is charged in three phases: conditioning,
constant current and constant voltage. In all charge
phases, an internal control loop monitors the IC
junction temperature and reduces the charge current
if an internal temperature threshold is exceeded.
The charger power stage and charge current sense
functions are fully integrated. The charger function
has high accuracy current and voltage regulation
loops and charge termination. The pre-charge current
and termination current threshold are programmed
via an external resistor on the bq25100B. The fast
charge current value is also programmable via an
external resistor.
References to other devices in the bq25100B family
are included in this document. For more information
on those devices, please see their respective
datasheets. This includes references to the CHG pin
and the JEITA temperature functionality.




Similar Part No. - BQ25100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25100 TI1-BQ25100 Datasheet
1Mb / 32P
75-nA Battery Leakage
BQ25100 TI2-BQ25100 Datasheet
1Mb / 34P
bq2510x 250-mA Single Cell Li-Ion Battery Chargers, 1-mA Termination, 75-nA Battery Leakage
REVISED NOVEMBER 2014
BQ25100A TI1-BQ25100A Datasheet
1Mb / 32P
75-nA Battery Leakage
BQ25100A TI2-BQ25100A Datasheet
1Mb / 34P
bq2510x 250-mA Single Cell Li-Ion Battery Chargers, 1-mA Termination, 75-nA Battery Leakage
REVISED NOVEMBER 2014
BQ25100AYFPR TI1-BQ25100AYFPR Datasheet
1Mb / 32P
75-nA Battery Leakage
More results


Similar Description - BQ25100

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2441 DALLAS-DS2441 Datasheet
134Kb / 29P
1-Cell Li-Ion Battery Manager
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
Single cell Li-ion battery charger
2003 Oct 15
logo
Texas Instruments
BQ25100 TI-BQ25100_15 Datasheet
1Mb / 32P
bq2510x 250-mA Single Cell Li-Ion Battery Chargers, 1-mA Termination, 75-nA Battery Leakage
BQ25100A TI-BQ25100A_15 Datasheet
1Mb / 32P
bq2510x 250-mA Single Cell Li-Ion Battery Chargers, 1-mA Termination, 75-nA Battery Leakage
BQ25100H TI-BQ25100H_15 Datasheet
1Mb / 32P
bq2510x 250-mA Single Cell Li-Ion Battery Chargers, 1-mA Termination, 75-nA Battery Leakage
BQ25101 TI-BQ25101_15 Datasheet
1Mb / 32P
bq2510x 250-mA Single Cell Li-Ion Battery Chargers, 1-mA Termination, 75-nA Battery
BQ25101H TI-BQ25101H_15 Datasheet
1Mb / 32P
bq2510x 250-mA Single Cell Li-Ion Battery Chargers, 1-mA Termination, 75-nA Battery Leakage
BQ25100 TI1-BQ25100_16 Datasheet
1Mb / 32P
75-nA Battery Leakage
BQ25100B TI1-BQ25100B Datasheet
1Mb / 34P
75-nA Battery Leakage
logo
ACE Technology Co., LTD...
ACE4559P ACE-ACE4559P Datasheet
613Kb / 15P
150mA Single Cell Li-ion Battery Charger, 0.1mA Termination, 45nA Battery leakage Current
VER 1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com