Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ51010BYFPR Datasheet (PDF) - Texas Instruments

BQ51010BYFPR Datasheet PDF - Texas Instruments
Part # BQ51010BYFPR
Download  BQ51010BYFPR Download
File Size   1160.98 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description bq51010B Highly Integrated Wireless Receiver Qi (WPC v1.1) Compliant Power Supply

BQ51010BYFPR Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ51010BYFPR Datasheet PDF - Texas Instruments

Part # BQ51010BYFPR
Download  BQ51010BYFPR Click to download

File Size   1160.98 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description bq51010B Highly Integrated Wireless Receiver Qi (WPC v1.1) Compliant Power Supply

BQ51010BYFPR Datasheet (HTML) - Texas Instruments


BQ51010BYFPR Product details

1 Features
1• Integrated Wireless Power Supply Receiver
Solution With a 7-V Regulated Supply
– 93% Overall Peak AC-DC Efficiency
– Full Synchronous Rectifier
– WPC v1.1 Compliant Communication Control
– Output Voltage Conditioning
– Only IC Required Between RX Coil and 7-V
Output
• WPC v1.1 Compliant (FOD Enabled) Highly
Accurate Current Sense
• Dynamic Rectifier Control for Improved Load
Transient Response
• Dynamic Efficiency Scaling for Optimized
Performance Over Wide Range of Output Power
• Adaptive Communication Limit for Robust
Communication
• Supports 20-V Maximum Input
• Low-power Dissipative Rectifier Overvoltage
Clamp (VOVP = 15 V)
• Thermal Shutdown
• Multifunction NTC and Control Pin for
Temperature Monitoring, Charge Complete and
Fault Host Control

2 Applications
• WPC v1.1 Compliant Receivers
• Cell Phones and Smart Phones
• Headsets
• Digital Cameras
• Portable Media Players
• Hand-Held Devices

3 Description
The bq51010B is a family of advanced, flexible,
secondary-side devices for wireless power transfer in
portable applications. The bq51010B devices provide
the AC-DC power conversion and regulation while
integrating the digital control required to comply with
the Qi v1.1 communication protocol. Together with
the bq50xxx primary-side controller, the bq51010B
enables a complete contact-less power transfer
system for a wireless power supply solution. Global
feedback is established from the secondary to the
primary to control the power transfer process using
the Qi v1.1 protocol.
The bq51010B devices integrate a low resistance
synchronous rectifier, low-dropout regulator, digital
control, and accurate voltage and current loops to
ensure high efficiency and low power dissipation.
The bq51010B also includes a digital controller that
can calculate the amount of power received by the
mobile device within the limits set by the WPC v1.1
standard. The controller will then communicate this
information to the transmitter to allow the transmitter
to determine if a foreign object is present within the
magnetic interface and introduces a higher level of
safety within magnetic field. This Foreign Object
Detection (FOD) method is part of the requirements
under the WPC v1.1 specification.




Similar Part No. - BQ51010BYFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ51010BYFPR TI1-BQ51010BYFPR Datasheet
1Mb / 33P
Highly Integrated Wireless Receiver Qi (WPC V1.1) Compliant Power Supply
More results


Similar Description - BQ51010BYFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ51013B TI-BQ51013B Datasheet
2Mb / 40P
Highly Integrated Wireless Receiver Qi (WPC V1.1) Compliant Power Supply
BQ51050B TI-BQ51050B Datasheet
2Mb / 31P
High-Efficiency Qi v1.1-Compliant Wireless Power Receiver and Battery Charger
BQ51003 TI1-BQ51003 Datasheet
2Mb / 34P
Highly Integrated Wireless Receiver Qi (WPC v1.1) Compliant Power Supply
BQ51010B TI1-BQ51010B Datasheet
1Mb / 33P
Highly Integrated Wireless Receiver Qi (WPC V1.1) Compliant Power Supply
BQ51050B TI1-BQ51050B_14 Datasheet
2Mb / 35P
High-Efficiency Qi v1.1-Compliant Wireless Power Receiver and Battery Charger
BQ51013B TI1-BQ51013B_15 Datasheet
3Mb / 47P
Highly Integrated Wireless Receiver Qi Compliant Power Supply
BQ51050B TI1-BQ51050B_16 Datasheet
1Mb / 43P
High-Efficiency Qi v1.1-Compliant Wireless Power Receiver
BQ51013A TI1-BQ51013A_17 Datasheet
3Mb / 45P
INTEGRATED WIRELESS POWER SUPPLY RECEIVER, Qi (WIRELESS POWER CONSORTIUM) COMPLIANT
logo
Generalplus Technology ...
GPMQ8101A GENERALPLUS-GPMQ8101A Datasheet
392Kb / 11P
QI Compliant Wireless Power Receiver
logo
Texas Instruments
BQ51013B-Q1 TI-BQ51013B-Q1 Datasheet
5Mb / 49P
BQ51013B-Q1: Automotive Highly Integrated Wireless Receiver Qi (WPC v1.2) Compliant Power Supply
SLUSEE3 ??JULY 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com