Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ3285L Datasheet (PDF) - Texas Instruments

BQ3285L Datasheet PDF - Texas Instruments
Part # BQ3285L
Download  BQ3285L Download
File Size   1159.42 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Real-Time Clock (RTC)

BQ3285L Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ3285L Datasheet PDF - Texas Instruments

Part # BQ3285L
Download  BQ3285L Click to download

File Size   1159.42 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Real-Time Clock (RTC)

BQ3285L Datasheet (HTML) - Texas Instruments


BQ3285L Product details

Features
Direct clock/calendar replacement
for IBM® AT-compatible
computers and other applications
Functionally compatible with the
DS1285
- Closely matches MC146818A
pin configuration
2.7–3.6V operation (bq3285L);
4.5–5.5V operation (bq3285E)
242 bytes of general nonvolatile
storage
32.768kHz output for power management
System wake-up capability—
alarm interrupt output active in
battery-backup mode
Less than 0.5mA load under battery
operation
Selectable Intel or Motorola bus
timing
14 bytes for clock/calendar and
control
BCD or binary format for clock
and calendar data
Calendar in day of the week, day
of the month, months, and years,
with automatic leap-year adjustment
Time of day in seconds, minutes,
and hours
- 12- or 24-hour format
- Optional daylight saving
adjustment
Programmable square wave output
Three individually maskable interrupt
event flags:
- Periodic rates from 122ms to
500ms
- Time-of-day alarm once per
second to once per day
- End-of-clock update cycle
24-pin plastic DIP, SOIC, or
SSOP

General Description
The CMOS bq3285E/L is a lowpower
microprocessor peripheral
providing a time-of-day clock and
100-year calendar with alarm features
and battery operation. The
bq3285L supports 3V systems.
Other bq3285E/L features include
three maskable interrupt sources,
square-wave output, and 242 bytes
of general nonvolatile storage.
A 32.768kHz output is available for
sustaining power-management activities.
Wake-up capability is provided
by an alarm interrupt, which
is active in battery-backup mode.
The bq3285E/L write-protects the
clock, calendar, and storage registers
during power failure. A backup
battery then maintains data and operates
the clock and calendar.
The bq3285E/L is a fully compatible
real-time clock for IBM AT-compatible
computers and other applications.
The only external components are a
32.768kHz crystal and a backup battery.




Similar Part No. - BQ3285L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ3285L TI-BQ3285L Datasheet
150Kb / 22P
Y2K-Enhanced Real-Time Clock (RTC)
BQ3285LC TI-BQ3285LC Datasheet
831Kb / 26P
Real-Time Clock (RTC)
BQ3285LCSS TI-BQ3285LCSS Datasheet
831Kb / 26P
Real-Time Clock (RTC)
BQ3285LCSS- TI-BQ3285LCSS- Datasheet
831Kb / 26P
Real-Time Clock (RTC)
BQ3285LCSSTR TI-BQ3285LCSSTR Datasheet
831Kb / 26P
Real-Time Clock (RTC)
More results


Similar Description - BQ3285L

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8572A NSC-DP8572A Datasheet
367Kb / 22P
Real Time Clock (RTC)
DP8573A NSC-DP8573A Datasheet
270Kb / 16P
Real Time Clock (RTC)
logo
Texas Instruments
BQ3285 TI-BQ3285 Datasheet
553Kb / 22P
Real-Time Clock RTC
BQ3285E TI-BQ3285E Datasheet
1Mb / 29P
Real-Time Clock RTC
BQ3285EC TI-BQ3285EC Datasheet
831Kb / 26P
Real-Time Clock (RTC)
BQ3285ED TI-BQ3285ED Datasheet
159Kb / 27P
Real-Time Clock (RTC)
logo
UMC Corporation
UM82C8167 UMC-UM82C8167 Datasheet
617Kb / 7P
Real-Time Clock(RTC)
logo
Texas Instruments
BQ32000 TI-BQ32000 Datasheet
513Kb / 20P
REAL-TIME CLOCK (RTC)
BQ3285 TI1-BQ3285_15 Datasheet
614Kb / 26P
Real-Time Clock (RTC)
BQ3285E TI1-BQ3285E_15 Datasheet
1Mb / 36P
Real-Time Clock (RTC)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com