Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ29440 Datasheet (PDF) - Texas Instruments

BQ29440 Datasheet PDF - Texas Instruments
Part # BQ29440
Download  BQ29440 Download
File Size   1130.98 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries (Second-Level Protection)

BQ29440 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ29440 Datasheet PDF - Texas Instruments

Part # BQ29440
Download  BQ29440 Click to download

File Size   1130.98 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries (Second-Level Protection)

BQ29440 Datasheet (HTML) - Texas Instruments


BQ29440 Product details

1FEATURES
• 2-Series, 3-Series, or 4-Series Cell Secondary
Protection
• External Capacitor-Controlled Delay Timer
• Low Power Consumption I CC < 2 μA Typical
[VCELL(ALL) < VPROTECT]
• High-Accuracy Overvoltage Protection: ±25
mV with TA = 0°C to 60°C
• Fixed Overvoltage Protection Thresholds:
4.30 V, 4.35 V, 4.40 V, 4.45 V, 4.50 V
• Small 8L QFN Package

APPLICATIONS
• Second-Level Protection in Li-Ion Battery
Packs
– Notebook Computers
– Power Tools
– Portable Equipment and Instrumentation

DESCRIPTION
The bq2944x is a secondary overvoltage protection IC for 2-series, 3-series, or 4-series cell Li-Ion battery packs
that incorporates a high-accuracy precision overvoltage detection circuit.
FUNCTION
The voltage of each cell in a battery pack is compared to an internal reference voltage. If any cells reach an
overvoltage condition, the bq2944x device starts a timer that provides a delay proportional to the capacitance on
the CD pin. Upon expiration of the internal timer, the OUT pin changes from a low state to a high state. An
optional latch configuration is available that holds the OUT pin in a high state indefinitely after an overvoltage
condition has satisfied the specified delay timer period. The latch is released when the CD pin is shorted to GND.




Similar Part No. - BQ29440

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29440 TI-BQ29440 Datasheet
487Kb / 15P
Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries (Second-Level Protection)
BQ29440 TI-BQ29440 Datasheet
641Kb / 17P
Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries (Second-Level Protection)
BQ29440 TI-BQ29440 Datasheet
558Kb / 17P
Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries
BQ29440 TI1-BQ29440 Datasheet
1Mb / 17P
Voltage Protection
BQ29440DRBR TI-BQ29440DRBR Datasheet
487Kb / 15P
Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries (Second-Level Protection)
More results


Similar Description - BQ29440

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29410 TI-BQ29410 Datasheet
204Kb / 13P
VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Li-Ion BATTERIES (2nd-LEVEL PROTECTION)
BQ29410 TI-BQ29410_07 Datasheet
158Kb / 13P
VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Li-Ion BATTERIES (2nd-LEVEL PROTECTION)
BQ29440 TI-BQ29440 Datasheet
487Kb / 15P
Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries (Second-Level Protection)
BQ29440 TI-BQ29440_1 Datasheet
641Kb / 17P
Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries (Second-Level Protection)
BQ29441 TI-BQ29441 Datasheet
558Kb / 17P
Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries
BQ294502 TI-BQ294502 Datasheet
736Kb / 18P
Overvoltage Protection for 2-Series and 3-Series Cell Li-Ion Batteries
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ2947 TI1-BQ2947_16 Datasheet
859Kb / 24P
Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ2961 TI1-BQ2961 Datasheet
1Mb / 29P
Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries
BQ294502 TI1-BQ294502_17 Datasheet
1Mb / 26P
Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com