Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP718 Datasheet (PDF) - ON Semiconductor

NCP718 Datasheet PDF - ON Semiconductor
Part # NCP718
Download  NCP718 Download
File Size   299.66 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low Dropout Regulator, Wide Input Voltage, Low Iq, 300 mA

NCP718 Datasheet (PDF)

Go To PDF Page Download Datasheet
NCP718 Datasheet PDF - ON Semiconductor

Part # NCP718
Download  NCP718 Click to download

File Size   299.66 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low Dropout Regulator, Wide Input Voltage, Low Iq, 300 mA

NCP718 Datasheet (HTML) - ON Semiconductor


NCP718 Product details

Features
• Operating Input Voltage Range: 2.5 V to 24 V
• Fixed Voltage Options Available: 1.2 V to 5 V (upon request)
• Adjustable Voltage Option from 1.2 V to 5 V
• Ultra−Low Quiescent Current: typ. 4 A over Temperature
• ±2% Accuracy Over Full Load, Line and Temperature Variations
• PSRR: 60 dB at 1 kHz
• Noise: typ. 36 VRMS from 100 Hz to 100 kHz
• Stable with Small 1 F Ceramic Capacitor
• Soft−start to Reduce Inrush Current and Overshoots
• Thermal Shutdown and Current Limit Protection
• SOA Limiting for High Vin / High Iout – Static / Dynamic
• Active Discharge Option Available (upon request)
• Available in TSOT−23−5 and WDFN6 2x2 mm Packages
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant

Typical Applications
• Wireless Chargers
• Portable Equipment
• Communication Systems




Similar Part No. - NCP718

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP718 ONSEMI-NCP718 Datasheet
255Kb / 9P
Low Iq, Wide Input Voltage Low Dropout Regulator
March, 2018 ??Rev. 4
NCP718AMTADJTBG ONSEMI-NCP718AMTADJTBG Datasheet
255Kb / 9P
Low Iq, Wide Input Voltage Low Dropout Regulator
March, 2018 ??Rev. 4
NCP718ASN120T1G ONSEMI-NCP718ASN120T1G Datasheet
255Kb / 9P
Low Iq, Wide Input Voltage Low Dropout Regulator
March, 2018 ??Rev. 4
NCP718ASN150T1G ONSEMI-NCP718ASN150T1G Datasheet
255Kb / 9P
Low Iq, Wide Input Voltage Low Dropout Regulator
March, 2018 ??Rev. 4
NCP718ASN180T1G ONSEMI-NCP718ASN180T1G Datasheet
255Kb / 9P
Low Iq, Wide Input Voltage Low Dropout Regulator
March, 2018 ??Rev. 4
More results


Similar Description - NCP718

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV702XX TI1-TLV702XX Datasheet
855Kb / 27P
300-mA, Low-IQ, Low-Dropout Regulator
TLV70012-Q1 TI1-TLV70012-Q1 Datasheet
642Kb / 19P
300-mA, Low-IQ, Low-Dropout Regulator
TLV70228-Q1 TI1-TLV70228-Q1 Datasheet
892Kb / 18P
300-mA, Low-IQ, Low-Dropout Regulator
logo
ON Semiconductor
NCV8154 ONSEMI-NCV8154 Datasheet
854Kb / 16P
Dual 300 mA, Low IQ, Low Dropout, Dual Input Voltage Regulator
April, 2015 ??Rev. 3
NCP154 ONSEMI-NCP154_15 Datasheet
584Kb / 18P
Dual 300 mA, Low IQ, Low Dropout, Dual Input Voltage Regulator
January, 2015 ??Rev. 2
logo
Texas Instruments
TLV70018-Q1 TI-TLV70018-Q1_15 Datasheet
858Kb / 20P
300-mA, Low-IQ, Low-Dropout Regulator
logo
ON Semiconductor
NCV8154 ONSEMI-NCV8154_16 Datasheet
871Kb / 18P
Dual 300 mA, Low IQ, Low Dropout, Dual Input Voltage Regulator
June, 2016 ??Rev. 6
logo
Texas Instruments
TLV703 TI1-TLV703_17 Datasheet
862Kb / 22P
300-mA, Low-IQ, Low-Dropout Regulator
TLV702-Q1 TI1-TLV702-Q1 Datasheet
1,014Kb / 25P
300-mA, Low-IQ, Low-Dropout Regulator
logo
ON Semiconductor
NCV8718 ONSEMI-NCV8718 Datasheet
238Kb / 7P
300 mA Low Iq, Wide Input Voltage Low Dropout Regulator
January, 2018 ??Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com