Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5622 Datasheet (PDF) - Adafruit Industries

5622 Datasheet PDF - Adafruit Industries
Part # 5622
Download  5622 Download
File Size   195.62 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description 2.5 SATA III to USB 3.0 Adapter Cable - 30cm long

5622 Datasheet (PDF)

Go To PDF Page Download Datasheet
5622 Datasheet PDF - Adafruit Industries

Part # 5622
Download  5622 Click to download

File Size   195.62 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description 2.5 SATA III to USB 3.0 Adapter Cable - 30cm long

5622 Datasheet (HTML) - Adafruit Industries




Similar Part No. - 5622

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
5622 SYSTEMSENSOR-5622 Datasheet
320Kb / 2P
Mechanical Heat Detectors
logo
Gamewell-FCI by Honeywe...
5622 GAMEWELL-FCI-5622 Datasheet
60Kb / 1P
MECHANICAL HEAT DETECTORS
logo
Bourns Electronic Solut...
5622-RC BOURNS-5622-RC Datasheet
428Kb / 1P
High Current Chokes
logo
Vishay Siliconix
56221E3 VISHAY-56221E3 Datasheet
121Kb / 9P
Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
31-Jan-17
logo
Festo Corporation.
562225 FESTO-562225 Datasheet
97Kb / 2P
Mini slide
5/26/22
More results


Similar Description - 5622

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB9260 TI-TUSB9260_10 Datasheet
154Kb / 21P
USB 3.0 TO SATA BRIDGE
TUSB9261 TI-TUSB9261 Datasheet
259Kb / 24P
USB 3.0 TO SATA BRIDGE
TUSB9261IPVP TI1-TUSB9261IPVP Datasheet
247Kb / 25P
USB 3.0 TO SATA BRIDGE
logo
Tripp Lite. All Rights ...
U338000SATA TRIPPLITE-U338000SATA Datasheet
510Kb / 2P
USB 3.0 SuperSpeed to SATA III Adapter for 2.5in or 3.5in SatA Hard Drives
U357025R TRIPPLITE-U357025R Datasheet
527Kb / 2P
USB 3.0 SuperSpeed External 2.5 SatA III Hard Drive Enclosure with Built-in Cable
U338-06N-SATA-B TRIPPLITE-U338-06N-SATA-B Datasheet
169Kb / 3P
USB 3.0 SuperSpeed to SATA III Adapter Cable with UASP, 2.5 in. SATA Hard Drives, Black
U338-06N-SATA-W TRIPPLITE-U338-06N-SATA-W Datasheet
167Kb / 3P
USB 3.0 SuperSpeed to SATA III Adapter Cable with UASP, 2.5 in. SATA Hard Drives, White
U438-06N-G1-W TRIPPLITE-U438-06N-G1-W Datasheet
166Kb / 3P
USB 3.1 Gen 1 USB Type-C to SATA III Adapter Cable with UASP, 2.5 in. SATA Hard Drives, Thunderbolt??3 Compatible, White
U438-06N-G2-W TRIPPLITE-U438-06N-G2-W Datasheet
166Kb / 3P
USB 3.1 Gen 2 USB Type-C to SATA III Adapter Cable with UASP, 2.5 in. SATA Hard Drives, Thunderbolt??3 Compatible, White
logo
Coolgear Inc.
SS-128ASD COOLGEAR-SS-128ASD Datasheet
4Mb / 2P
USB 3.0 to SATA or PATA Hard Drive Adapter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com