Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EEH157 Datasheet (PDF) - Sumida Corporation

EEH157 Datasheet PDF - Sumida Corporation
Part # EEH157
Download  EEH157 Download
File Size   129.48 Kbytes
Page   2 Pages
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation
Description General Power & PoE Transformer Type: EEH series>

EEH157 Datasheet (PDF)

Go To PDF Page Download Datasheet
EEH157 Datasheet PDF - Sumida Corporation

Part # EEH157
Download  EEH157 Click to download

File Size   129.48 Kbytes
Page   2 Pages
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation
Description General Power & PoE Transformer Type: EEH series>

EEH157 Datasheet (HTML) - Sumida Corporation


EEH157 Product details

◆ Product Description

   • 15.8× 15.6mm Max.(L× W), 8.5Max. Height.

   • In addition to the typical versions of parameters shown here, custom parameters are available to meet your exact requirements.

 

◆ Feature

   • Max. Operating frequency 300kHz,Max. Operating Power 7.6W(300kHz).

   • Ideally used in AC adapter for cellular phone, Portable equipment.

   • Ideally used in PoE transformer.

   • RoHS Compliance



 




Similar Part No. - EEH157

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
EEH116 SUMIDA-EEH116 Datasheet
121Kb / 1P
General Power Transformer < Pin Type: EEH Series>
EEH116 SUMIDA-EEH116 Datasheet
129Kb / 2P
General Power & PoE Transformer
EEH1313 SUMIDA-EEH1313 Datasheet
146Kb / 1P
xDSL POTs Splitter< Pin Type: EEH Series>
EEH1617 SUMIDA-EEH1617 Datasheet
152Kb / 1P
xDSL POTs Splitter< Pin Type: EEH Series>
EEH1713 SUMIDA-EEH1713 Datasheet
278Kb / 1P
Multiple Output Transformer
More results


Similar Description - EEH157

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CEE-98 SUMIDA-CEE-98 Datasheet
142Kb / 2P
General Power & PoE Transformer
CEFD1608 SUMIDA-CEFD1608 Datasheet
149Kb / 2P
General Power & PoE Transformer
EEH116 SUMIDA-EEH116 Datasheet
121Kb / 1P
General Power Transformer < Pin Type: EEH Series>
EEH116 SUMIDA-EEH116 Datasheet
129Kb / 2P
General Power & PoE Transformer
EEH1617 SUMIDA-EEH1617 Datasheet
152Kb / 1P
xDSL POTs Splitter< Pin Type: EEH Series>
EF2017 SUMIDA-EF2017 Datasheet
138Kb / 2P
General Power & PoE Transformer
EI4036 SUMIDA-EI4036 Datasheet
66Kb / 1P
General Power Transformer
EI-22 SUMIDA-EI-22_06 Datasheet
129Kb / 1P
General Power Transformer < Pin Type: EI Series>
EER-137 SUMIDA-EER-137 Datasheet
116Kb / 1P
General Power Transformer
LC-15 SUMIDA-LC-15_1 Datasheet
123Kb / 1P
General Power Transformer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com