Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D00099 Datasheet (PDF) - Premier Farnell Limited.

D00099 Datasheet PDF - Premier Farnell Limited.
Part # D00099
Download  D00099 Download
File Size   267.52 Kbytes
Page   1 Pages
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description 60mm Table Swivel Vice

D00099 Datasheet (PDF)

Go To PDF Page Download Datasheet
D00099 Datasheet PDF - Premier Farnell Limited.

Part # D00099
Download  D00099 Click to download

File Size   267.52 Kbytes
Page   1 Pages
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description 60mm Table Swivel Vice

D00099 Datasheet (HTML) - Premier Farnell Limited.


D00099 Product details

Features:
•  Heat treated jaws, 60mm wide & 25mm deep
•  Open to 80mm
•  Locking swivel base turns through 360°
•  Mounting clamp opens up to 45mm
•  Paint coated body




Similar Part No. - D00099

ManufacturerPart #DatasheetDescription
logo
Premier Farnell Limited...
D00091 DURATOOL-D00091 Datasheet
187Kb / 1P
Rubber Mallet With Handle
11/08/14 V1.0
D00094 DURATOOL-D00094 Datasheet
29Kb / 1P
G Clamps
D00095 DURATOOL-D00095 Datasheet
29Kb / 1P
G Clamps
D00096 DURATOOL-D00096 Datasheet
29Kb / 1P
G Clamps
D00097 DURATOOL-D00097 Datasheet
29Kb / 1P
G Clamps
More results


Similar Description - D00099

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
RC-4835-PR BUD-RC-4835-PR Datasheet
25Kb / 1P
SWIVEL CASTER
logo
BetLux Electronics
TLL-E27B60-061 BETLUX-TLL-E27B60-061 Datasheet
35Kb / 1P
Ball Bulb , 60mm
REV NO: V. 1
logo
Festo Corporation.
HGDS-PP-12-P-A-B FESTO-HGDS-PP-12-P-A-B Datasheet
97Kb / 2P
Swivel/gripper unit
HGDS-PP-16-P1-A-B FESTO-HGDS-PP-16-P1-A-B Datasheet
97Kb / 2P
Swivel/gripper unit
HGDS-PP-16-P-A-B FESTO-HGDS-PP-16-P-A-B Datasheet
96Kb / 2P
Swivel/gripper unit
HGDS-PP-16-YSRT-A-B FESTO-HGDS-PP-16-YSRT-A-B Datasheet
89Kb / 2P
Swivel/gripper unit
HGDS-PP-20-P-A-B FESTO-HGDS-PP-20-P-A-B Datasheet
94Kb / 2P
Swivel/gripper unit
logo
SparkFun Electronics
ROB-12509 SPARKFUN-ROB-12509 Datasheet
95Kb / 1P
Swivel Hub
2/4/2016
logo
Festo Corporation.
10750 FESTO-10750 Datasheet
85Kb / 1P
Swivel lever valve
4/8/22
8058739 FESTO-8058739 Datasheet
67Kb / 1P
Swivel mounting
7/18/22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com