Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010 Datasheet (PDF) - Texas Instruments

CC1010 Datasheet PDF - Texas Instruments
Part # CC1010
Download  CC1010 Download
File Size   1161.69 Kbytes
Page   150 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller

CC1010 Datasheet (PDF)

Go To PDF Page Download Datasheet
CC1010 Datasheet PDF - Texas Instruments

Part # CC1010
Download  CC1010 Click to download

File Size   1161.69 Kbytes
Page   150 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller

CC1010 Datasheet (HTML) - Texas Instruments


CC1010 Product details

Applications
• Very low power UHF wireless data
transmitters and receivers
• 315 / 433 / 868 and 915 MHz ISM/SRD
band systems
• Home automation and security
• AMR – Automatic Meter Reading
• RKE – Remote Keyless Entry with
acknowledgement
• Low power telemetry
• Toys

Key Features
• 300-1000 MHz RF Transceiver
• Very low current consumption (9.1
mA in RX)
• High sensitivity (typically -107 dBm)
• Programmable output power up to
+10 dBm
• Data rate up to 76.8 kbps
• Very few external components
• Fast PLL settling allowing frequency
hopping protocols
• RSSI
• EN 300 220 and FCC CFR47 part
15 compliant
• 8051-Compatible Microcontroller
• Typically 2.5 times the performance
of a standard 8051
• 32 kB Flash, 2048 + 128 Byte SRAM
• 3 channel 10 bit ADC, 4 timers / 2
PWMs, 2 UARTs, RTC, Watchdog,
SPI, DES encryption, 26 general I/O
pins
• In-circuit interactive debugging is
supported for the Keil μVision2 IDE
through a simple serial interface.
• 2.7 - 3.6 V supply voltage
• 64-lead TQFP

Product Description
The CC1010 is a true single-chip UHF
transceiver with an integrated high
performance 8051 microcontroller with 32
kB of Flash program memory. The RF
transceiver can be programmed for
operation in the 300 – 1000 MHz range,
and is designed for very low power
wireless applications.
The CC1010 together with a few external
passive components constitutes a
powerful embedded system with wireless
communication capabilities.
CC1010 is based on Chipcon’s SmartRF®02
technology in 0.35 μm CMOS.




Similar Part No. - CC1010

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1010 TI-CC1010 Datasheet
1Mb / 152P
Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
logo
List of Unclassifed Man...
CC1010 ETC2-CC1010 Datasheet
1Mb / 133P
Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
logo
Texas Instruments
CC1010-RTR1 TI-CC1010-RTR1 Datasheet
1Mb / 152P
Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
CC1010-RTY1 TI-CC1010-RTY1 Datasheet
1Mb / 152P
Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
CC1010-STR1 TI-CC1010-STR1 Datasheet
1Mb / 152P
Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
More results


Similar Description - CC1010

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CC2510FX ETC1-CC2510FX Datasheet
1Mb / 253P
True System-on-Chip with Low Power RF Transceiver and 8051 MCU
logo
Texas Instruments
CC1000 TI-CC1000 Datasheet
593Kb / 55P
Single Chip Very Low Power RF Transceiver
CC1010 TI-CC1010 Datasheet
1Mb / 152P
Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
CC1110 TI-CC1110 Datasheet
1Mb / 203P
True System-on-Chip with Low Power RF Transceiver and 8051 MCU
logo
List of Unclassifed Man...
CC1010 ETC2-CC1010 Datasheet
1Mb / 133P
Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
logo
Texas Instruments
CC1010PAGR TI-CC1010PAGR Datasheet
1Mb / 149P
Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
logo
ATMEL Corporation
AT89LP51ED2 ATMEL-AT89LP51ED2_14 Datasheet
809Kb / 26P
8-bit Microcontroller Compatible with 8051 Products
AT89LP51IC2 ATMEL-AT89LP51IC2_14 Datasheet
7Mb / 254P
8-bit Microcontroller Compatible with 8051 Products
AT89LP51RC2 ATMEL-AT89LP51RC2_14 Datasheet
7Mb / 254P
8-bit Microcontroller Compatible with 8051 Products
logo
Future Technology Devic...
FT51BQ-T FTDI-FT51BQ-T Datasheet
1Mb / 43P
Advanced Microcontroller with 8051 Compatible Core
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com