Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN10501 Datasheet (PDF) - Texas Instruments

SN10501 Datasheet PDF - Texas Instruments
Part # SN10501
Download  SN10501 Download
File Size   1153.78 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BUF20800-Q1 18-Channel Programmable Gamma Voltage Generator With Two Programmable VCOM Channels

SN10501 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN10501 Datasheet PDF - Texas Instruments

Part # SN10501
Download  SN10501 Click to download

File Size   1153.78 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BUF20800-Q1 18-Channel Programmable Gamma Voltage Generator With Two Programmable VCOM Channels

SN10501 Datasheet (HTML) - Texas Instruments


SN10501 Product details

1 Features
1• Qualified for Automotive Applications
• AEC-Q100 Qualified With the Following Results:
– Device Temperature Grade 1
– Device HBM ESD Classification Level 2
– Device CDM ESD Classification Level C4
• Low Supply Current: 900 μA/ch
• Analog Supply Voltage: 7 V to 18 V
• Digital Supply Voltage: 2 V to 5.5 V
• 18-Channel Gamma Correction
• 2-Channel Programmable VCOM: 50 mA IOUT
• 10-Bit Resolution
• Rail-to-Rail Output
• I2C Interface
– 3.4 MHz High-Speed Mode
• Demo Board and Software Available

2 Applications
• Replaces Resistor-Based Gamma Solutions
• TFT-LCD Reference Drivers
• Dynamic Gamma Control

3 Description
The BUF20800-Q1 is a programmable voltage
reference generator designed for gamma correction
in TFT-LCD panels. It provides 18 programmable
outputs for gamma correction and two channels for
VCOM adjustment, each with 10-bit resolution.
All channels are programmable using an I2C interface
that supports high-speed data transfers up to 3.4
MHz.
This programmability replaces the traditional, time
consuming process of changing resistor values to
optimize the various gamma voltages and allows
designers to determine the correct gamma voltages
for a panel very quickly. Required changes are easily
implemented without hardware changes.
The BUF20800-Q1 uses TI’s latest, small-geometry
analog CMOS process, which makes it a very
competitive choice for full production, not just
evaluation.
For lower channel count, please contact your local
sales or marketing representative.
The BUF20800-Q1 is available in an HTSSOP-38
package withPowerPAD™. It is specified from −40°C
to +105°C.




Similar Part No. - SN10501

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN10501 TI-SN10501 Datasheet
553Kb / 23P
HIGH SPEED RAIL TO RAIL OUTPUT VIDEO AMPLIFIERS
SN10501 TI1-SN10501 Datasheet
1Mb / 32P
HIGH-SPEED RAIL-TO-RAIL OUTPUT VIDEO AMPLIFIERS
SN10501 TI1-SN10501 Datasheet
1Mb / 34P
HIGH-SPEED RAIL-TO-RAIL OUTPUT VIDEO AMPLIFIERS
SN10501 TI2-SN10501 Datasheet
970Kb / 31P
18-Channel GAMMA VOLTAGE GENERATOR with Two Programmable VCOM Channels
REVISED DECEMBER 2007
SN10501 TI2-SN10501 Datasheet
970Kb / 31P
18-Channel GAMMA VOLTAGE GENERATOR with Two Programmable VCOM Channels
REVISED DECEMBER 2007
More results


Similar Description - SN10501

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
BUF20800 BURR-BROWN-BUF20800 Datasheet
752Kb / 27P
18-Channel GAMMA VOLTAGE GENERATOR with Two Programmable VCOM Channels
logo
Intersil Corporation
EL5625 INTERSIL-EL5625 Datasheet
470Kb / 11P
Programmable 18-Channel Gamma with 1-Channel VCOM with Reference
February 28, 2006
logo
Burr-Brown (TI)
BUF20820 BURR-BROWN-BUF20820 Datasheet
1Mb / 32P
18-Channel GAMMA VOLTAGE GENERATOR with Two Programmable VCOM Channels
logo
Texas Instruments
BUF22821 TI-BUF22821 Datasheet
751Kb / 25P
Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
logo
EPCOS
BUF16821 EPCOS-BUF16821 Datasheet
826Kb / 29P
Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
logo
Texas Instruments
BUF16821 TI-BUF16821 Datasheet
826Kb / 29P
Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
BUF16821 TI-BUF16821_1 Datasheet
813Kb / 30P
Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
BUF08821 TI-BUF08821 Datasheet
778Kb / 27P
Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
BUF20800-Q1 TI1-BUF20800-Q1 Datasheet
1Mb / 32P
18-CHANNEL GAMMA VOLTAGE GENERATOR WITH TWO PROGRAMMABLE VCOM CHANNELS
logo
Renesas Technology Corp
EL5625 RENESAS-EL5625 Datasheet
614Kb / 12P
Programmable 18-Channel Gamma with 1-Channel VCOM with Reference
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com