Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2590RGVR Datasheet (PDF) - Texas Instruments

CC2590RGVR Datasheet PDF - Texas Instruments
Part # CC2590RGVR
Download  CC2590RGVR Download
File Size   1124.47 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2.4-GHz RF Front End, 14-dBm output power

CC2590RGVR Datasheet (PDF)

Go To PDF Page Download Datasheet
CC2590RGVR Datasheet PDF - Texas Instruments

Part # CC2590RGVR
Download  CC2590RGVR Click to download

File Size   1124.47 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2.4-GHz RF Front End, 14-dBm output power

CC2590RGVR Datasheet (HTML) - Texas Instruments


CC2590RGVR Product details

1FEATURES
· Seamless Interface to 2.4-GHz Low Power RF
Devices from Texas Instruments
· Up to +14-dBm (25mW) Output Power
· 6-dB Typical Improved Sensitivity on CC24xx
and CC2500, CC2510, and CC2511
· Few External Components
– Integrated Switches
– Integrated Matching Network
– Integrated Balun
– Integrated Inductors
– Integrated PA
– Integrated LNA
· Digital Control of LNA Gain by HGM Pin
· 100-nA in Power Down (EN = PAEN = 0)
· Low Transmit Current Consumption
– 22-mA at 3-V for +12-dBm, PAE = 23%
· Low Receive Current Consumption
– 3.4-mA for High Gain Mode
– 1.8-mA for Low Gain Mode
· 4.6-dB LNA Noise Figure, including T/R Switch
and external antenna match
· RoHS Compliant 4×4-mm QFN-16 Package
· 2.0-V to 3.6-V Operation

APPLICATIONS
· All 2.4-GHz ISM Band Systems
· Wireless Sensor Networks
· Wireless Industrial Systems
· IEEE 802.15.4 and ZigBee Systems
· Wireless Consumer Systems
· Wireless Audio Systems

DESCRIPTION
CC2590 is a cost-effective and high performance RF
Front End for low-power and low-voltage 2.4-GHz
wireless applications.
CC2590 is a range extender for all existing and future
2.4-GHz low-power RF transceivers, transmitters and
System-on-Chip products from Texas Instruments.
CC2590 increases the link budget by providing a
power amplifier for increased output power, and an
LNA with low noise figure for improved receiver sensitivity.
CC2590 provides a small size, high output power RF design with its 4x4-mm QFN-16 package.
CC2590 contains PA, LNA, switches, RF-matching, and balun for simple design of high performance
wireless applications.




Similar Part No. - CC2590RGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2590RGVR TI-CC2590RGVR Datasheet
497Kb / 16P
2.4-GHz RF Front End, 14-dBm output power
CC2590RGVR TI-CC2590RGVR Datasheet
664Kb / 18P
2.4-GHz RF Front End, 14-dBm output power
CC2590RGVRG4 TI-CC2590RGVRG4 Datasheet
664Kb / 18P
2.4-GHz RF Front End, 14-dBm output power
More results


Similar Description - CC2590RGVR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T7026 ATMEL-T7026_05 Datasheet
245Kb / 10P
ISM 2.4 GHz Front End IC
logo
Texas Instruments
CC2591 TI-CC2591 Datasheet
721Kb / 18P
2.4-GHz RF Front End
CC2590 TI-CC2590 Datasheet
497Kb / 16P
2.4-GHz RF Front End, 14-dBm output power
CC2590 TI-CC2590 Datasheet
664Kb / 18P
2.4-GHz RF Front End, 14-dBm output power
CC2591 TI-CC2591_10 Datasheet
706Kb / 18P
2.4-GHz RF Front End
CC2595 TI-CC2595 Datasheet
613Kb / 13P
2.4-GHz RF FRONT END
CC2595 TI-CC2595_15 Datasheet
777Kb / 14P
2.4-GHz RF FRONT END
logo
Skyworks Solutions Inc.
SKY85312-11 SKYWORKS-SKY85312-11 Datasheet
197Kb / 2P
2.4 GHz, 802.11ac Front-End Module
logo
Texas Instruments
CC2591 TI1-CC2591_17 Datasheet
989Kb / 25P
2.4-GHz RF Front End
logo
Silicon Storage Technol...
SST12LF01 SST-SST12LF01 Datasheet
335Kb / 21P
2.4 GHz Front-End Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com