Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2591RGVT Datasheet (PDF) - Texas Instruments

CC2591RGVT Datasheet PDF - Texas Instruments
Part # CC2591RGVT
Download  CC2591RGVT Download
File Size   1138.37 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CC2591 2.4-GHz RF Front End

CC2591RGVT Datasheet (PDF)

Go To PDF Page Download Datasheet
CC2591RGVT Datasheet PDF - Texas Instruments

Part # CC2591RGVT
Download  CC2591RGVT Click to download

File Size   1138.37 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CC2591 2.4-GHz RF Front End

CC2591RGVT Datasheet (HTML) - Texas Instruments


CC2591RGVT Product details

1.1 Features 1
• Seamless Interface to 2.4-GHz Low-Power RF
Devices from Texas Instruments
• Output Power up to 22 dBm
• Few External Components
– Integrated Switches
– Integrated Matching Network
– Integrated Balun
– Integrated Inductors
– Integrated PA
– Integrated LNA
• Digital Control of LNA Gain by HGM Pin
• 100-nA in Power Down (EN = PAEN = 0)
• Low Transmit Current Consumption
(100 mA at 3 V for 20-dBm Out, PAE = 33%)
• Low-Receive Current Consumption
– 3.4 mA for High-Gain Mode
– 1.7 mA for Low-Gain Mode
• 4.8-dB LNA Noise Figure, Including T/R Switch
and External Antenna Match
• RoHS Compliant 4×4-mm QFN-16 Package
• 2-V to 3.6-V Operation

1.2 Applications
• All 2.4-GHz ISM Band Systems
• Wireless Sensor Networks
• Wireless Industrial Systems
• IEEE 802.15.4 and ZigBee® Systems
• Wireless Consumer Systems
• Wireless Audio Systems

1.3 Description
CC2591 is a cost-effective and high-performance RF front end for low-power and low-voltage 2.4-GHz
wireless applications. The device is a range extender for all existing and future 2.4-GHz low-power RF
transceivers, transmitters, and System-on-Chip products from TI. CC2591 increases the link budget by
providing a power amplifier for increased output power, and an LNA with low noise figure for improved
receiver sensitivity. The device provides a small size, high output power RF design with its 4-mm × 4-mm
QFN-16 package. The device contains PA, LNA, switches, RF-matching, and balun for simple design of
high-performance wireless applications.




Similar Part No. - CC2591RGVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2591RGVT TI-CC2591RGVT Datasheet
721Kb / 18P
2.4-GHz RF Front End
CC2591RGVT TI-CC2591RGVT Datasheet
706Kb / 18P
2.4-GHz RF Front End
CC2591RGVT TI1-CC2591RGVT Datasheet
989Kb / 25P
2.4-GHz RF Front End
CC2591RGVTG4 TI-CC2591RGVTG4 Datasheet
706Kb / 18P
2.4-GHz RF Front End
CC2591RGVTG4 TI1-CC2591RGVTG4 Datasheet
989Kb / 25P
2.4-GHz RF Front End
More results


Similar Description - CC2591RGVT

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T7026 ATMEL-T7026_05 Datasheet
245Kb / 10P
ISM 2.4 GHz Front End IC
logo
Texas Instruments
CC2591 TI-CC2591 Datasheet
721Kb / 18P
2.4-GHz RF Front End
CC2590 TI-CC2590 Datasheet
497Kb / 16P
2.4-GHz RF Front End, 14-dBm output power
CC2590 TI-CC2590 Datasheet
664Kb / 18P
2.4-GHz RF Front End, 14-dBm output power
CC2591 TI-CC2591_10 Datasheet
706Kb / 18P
2.4-GHz RF Front End
CC2595 TI-CC2595 Datasheet
613Kb / 13P
2.4-GHz RF FRONT END
CC2595 TI-CC2595_15 Datasheet
777Kb / 14P
2.4-GHz RF FRONT END
logo
Skyworks Solutions Inc.
SKY85312-11 SKYWORKS-SKY85312-11 Datasheet
197Kb / 2P
2.4 GHz, 802.11ac Front-End Module
logo
Texas Instruments
CC2591 TI1-CC2591_17 Datasheet
989Kb / 25P
2.4-GHz RF Front End
logo
Silicon Storage Technol...
SST12LF01 SST-SST12LF01 Datasheet
335Kb / 21P
2.4 GHz Front-End Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com