Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD40107BF Datasheet (PDF) - Texas Instruments

CD40107BF Datasheet PDF - Texas Instruments
Part # CD40107BF
Download  CD40107BF Download
File Size   1151.3 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CMOS Dual 2-Input NAND Buffer/Driver

CD40107BF Datasheet (PDF)

Go To PDF Page Download Datasheet
CD40107BF Datasheet PDF - Texas Instruments

Part # CD40107BF
Download  CD40107BF Click to download

File Size   1151.3 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CMOS Dual 2-Input NAND Buffer/Driver

CD40107BF Datasheet (HTML) - Texas Instruments


CD40107BF Product details

Features:
32 times standard B-Series output current
drive sinking capability — 136 mA typ.
Vpp=10V,Vps=1V
100% tested for quiescent current at 20 V.
Maximum input current of 1 uA at 18
over full package-temperature range;
100 nA at 18 V and 25°C
5-V, 10-V, and 15-V parametric ratings
Noise margin, full package temperature
range, RL. to Vpp = 10 kQ2:
1VatVpp=5V
2VatVpp=10V
25VatVpp = 16 v
Meets all requirements of JEDEC Tentative
Standard No. 138, “Standard Specifications
for Description of 8" Series CMOS Devices”




Similar Part No. - CD40107BF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD40107BF TI-CD40107BF Datasheet
165Kb / 10P
CMOS DUAL 2-INPUT NAND BUFFER/DRIVER
CD40107BF3A TI-CD40107BF3A Datasheet
165Kb / 10P
CMOS DUAL 2-INPUT NAND BUFFER/DRIVER
More results


Similar Description - CD40107BF

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS26 MOTOROLA-SN54LS26 Datasheet
122Kb / 4P
QUAD 2-INPUT NAND BUFFER
SN54LS38 MOTOROLA-SN54LS38 Datasheet
122Kb / 4P
QUAD 2-INPUT NAND BUFFER
logo
STMicroelectronics
HCC40107B STMICROELECTRONICS-HCC40107B Datasheet
270Kb / 14P
DUAL 2-INPUT NAND BUFFER/DRIVER
Sep-1988
logo
Texas Instruments
CD40107B TI-CD40107B Datasheet
165Kb / 10P
CMOS DUAL 2-INPUT NAND BUFFER/DRIVER
logo
Fairchild Semiconductor
DM74ALS1000A FAIRCHILD-DM74ALS1000A Datasheet
46Kb / 4P
Quadruple 2-Input NAND Buffer
DM74ALS37A FAIRCHILD-DM74ALS37A Datasheet
46Kb / 4P
Quadruple 2-Input NAND Buffer
logo
Intersil Corporation
CD40107BMS INTERSIL-CD40107BMS Datasheet
57Kb / 7P
CMOS Dual 2 Input NAND Buffer/Driver
December 1992
logo
List of Unclassifed Man...
MMC40107 ETC-MMC40107 Datasheet
135Kb / 4P
DUAL 2-INPUT NAND BUFFER/DRIVER
logo
STMicroelectronics
HCF40107B STMICROELECTRONICS-HCF40107B_02 Datasheet
617Kb / 11P
DUAL 2-INPUT NAND BUFFER/DRIVER
Oct-2002
logo
List of Unclassifed Man...
T74LS37 ETC2-T74LS37 Datasheet
169Kb / 3P
quad 2-input nand buffer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com