Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74HC393E Datasheet (PDF) - Texas Instruments

CD74HC393E Datasheet PDF - Texas Instruments
Part # CD74HC393E
Download  CD74HC393E Download
File Size   1162.31 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CDx4HC393, CDx4HCT393 High-Speed CMOS Logic Dual 4-Stage Binary Counter

CD74HC393E Datasheet (PDF)

Go To PDF Page Download Datasheet
CD74HC393E Datasheet PDF - Texas Instruments

Part # CD74HC393E
Download  CD74HC393E Click to download

File Size   1162.31 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CDx4HC393, CDx4HCT393 High-Speed CMOS Logic Dual 4-Stage Binary Counter

CD74HC393E Datasheet (HTML) - Texas Instruments


CD74HC393E Product details

1 Features
• Fully static operation
• Buffered inputs
• Common reset
• Negative-edge clocking
• Fanout (over temperature range):
– Standard outputs 10 LSTTL loads
– Bus driver outputs 15 LSTTL loads
• Wide operating temperature range: –55℃ to 125℃
• Balanced propagation delay and transition times
• Significant power reduction compared to LSTTL
Logic ICs
• HC types
– 2 V to 6 V operation
– High noise immunity: NIL = 30%, NIH = 30% of
VCC at VCC = 5 V
• HCT types
– 4.5 V to 5.5 V operation
– Direct LSTTL input logic compatibility,
VIL = 0.8 V (max), VIH = 2 V (min)
– CMOS input compatibility, II ≤ 1 μA at VOL, VOH

2 Description
The ’HC393 and ’HCT393 are 4-stage ripple-carry
binary counters. All counter stages are primaryoperative
flip-flops. The state of the stage advances
one count on the negative transition of each clock
pulse; a high voltage level on the MR line resets all
counters to their zero state. All inputs and outputs are
buffered.




Similar Part No. - CD74HC393E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC393E TI-CD74HC393E Datasheet
38Kb / 8P
High Speed CMOS Logic Dual 4 -Stage Binary Counter
logo
Harris Corporation
CD74HC393E HARRIS-CD74HC393E Datasheet
31Kb / 7P
High Speed CMOS Logic Dual 4 -Stage Binary Counter
logo
Texas Instruments
CD74HC393E TI-CD74HC393E Datasheet
266Kb / 13P
High-Speed CMOS Logic Dual 4-Stage Binary Counter
CD74HC393E TI-CD74HC393E Datasheet
416Kb / 15P
High-Speed CMOS Logic Dual 4-Stage Binary Counter
CD74HC393E TI-CD74HC393E Datasheet
445Kb / 15P
High-Speed CMOS Logic Dual 4-Stage Binary Counter
More results


Similar Description - CD74HC393E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC393 TI-CD74HC393 Datasheet
38Kb / 8P
High Speed CMOS Logic Dual 4 -Stage Binary Counter
CD74HC4040 TI-CD74HC4040 Datasheet
50Kb / 9P
High Speed CMOS Logic 12-Stage Binary Counter
logo
Harris Corporation
74393 HARRIS-74393 Datasheet
31Kb / 7P
High Speed CMOS Logic Dual 4 -Stage Binary Counter
logo
Texas Instruments
CD54HC4040 TI-CD54HC4040 Datasheet
346Kb / 15P
High-Speed CMOS Logic 12-Stage Binary Counter
CD54HCT393 TI-CD54HCT393 Datasheet
266Kb / 13P
High-Speed CMOS Logic Dual 4-Stage Binary Counter
CD54HC4020 TI-CD54HC4020 Datasheet
269Kb / 13P
High-Speed CMOS Logic 14-Stage Binary Counter
CD74HCT4040 TI-CD74HCT4040_07 Datasheet
399Kb / 18P
High-Speed CMOS Logic 12-Stage Binary Counter
CD54HC393 TI-CD54HC393_07 Datasheet
416Kb / 15P
High-Speed CMOS Logic Dual 4-Stage Binary Counter
CD54HC393 TI-CD54HC393_08 Datasheet
445Kb / 15P
High-Speed CMOS Logic Dual 4-Stage Binary Counter
CD54HC4020 TI1-CD54HC4020_14 Datasheet
466Kb / 17P
High-Speed CMOS Logic 14-Stage Binary Counter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com