Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE706 Datasheet (PDF) - Texas Instruments

CDCE706 Datasheet PDF - Texas Instruments
Part # CDCE706
Download  CDCE706 Download
File Size   1222.29 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER/MULTIPLIER/DIVIDER

CDCE706 Datasheet (PDF)

Go To PDF Page Download Datasheet
CDCE706 Datasheet PDF - Texas Instruments

Part # CDCE706
Download  CDCE706 Click to download

File Size   1222.29 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER/MULTIPLIER/DIVIDER

CDCE706 Datasheet (HTML) - Texas Instruments


CDCE706 Product details

1FEATURES
· High-Performance 3:6 PLL-Based Clock
Synthesizer/Multiplier/Divider
· User-Programmable PLL Frequencies
· EEPROM Programming Without the Need to
Apply High Programming Voltage
· Easy In-Circuit Programming via SMBus Data
Interface
· Wide PLL Divider Ratio Allows 0-ppm Output
Clock Error
· Clock Inputs Accept a Crystal, a Single-Ended
LVCMOS, or a Differential Input Signal
· Accepts Crystal Frequencies From 8 MHz to
54 MHz
· Accepts LVCMOS or Differential Input
Frequencies up to 200 MHz
· Two Programmable Control Inputs [S0/S1,
A0/A1] for User-Defined Control Signals
· Six LVCMOS Outputs With Output Frequencies
up to 300 MHz
· LVCMOS Outputs Can Be Programmed for
Complementary Signals
· Free Selectable Output Frequency via
Programmable Output Switching Matrix [6×6]
Including 7-Bit Post-Divider for Each Output
· PLL Loop Filter Components Integrated
· Low Period Jitter (Typically 60 ps)
· Features Spread-Spectrum Clocking (SSC) for
Lowering System EMI
· Programmable Output Slew-Rate Control
(SRC) for Lowering System EMI
· 3.3-V Device Power Supply
· Industrial Temperature Range –40°C to 85°C
· Development and Programming Kit for Easy
PLL Design and Programming (TI ClockPro
Software)
· Packaged in 20-Pin TSSOP

DESCRIPTION
The CDCE706 is one of the smallest and most
powerful PLL synthesizer/multiplier/dividers available
today. Despite its small physical outline, the
CDCE706 is very flexible. It has the capability to
produce an almost independent output frequency
from a given input frequency.
The input frequency can be derived from an
LVCMOS, differential input clock, or single crystal.
The appropriate input waveform can be selected via
the SMBus data interface controller.
To achieve an independent output frequency, the
reference divider M and the feedback divider N for
each PLL can be set to values from 1 to 511 for the M-divider and from 1 to 4095 for the N-divider. The
PLL-VCO (voltage controlled oscillator) frequency
then is routed from the programmable output
switching matrix to any of the six outputs. The
switching matrix includes an additional 7-bit post-divider (1 to 127) and an inverting logic for each
output.
The deep M/N divider ratio allows the generation of
zero-ppm clocks from any reference input frequency
(e.g., 27 MHz).
The CDCE706 includes three PLLs; of those, one
supports spread-spectrum clocking (SSC). PLL1,
PLL2, and PLL3 are designed for frequencies up to
300 MHz and optimized for zero-ppm applications
with wide divider factors.
PLL2 also supports center- and down-spread-spectrum clocking (SSC). This is a common technique to reduce
electromagnetic interference. Also, the slew-rate controllable (SRC) output edges minimize EMI noise.
Based on the PLL frequency and the divider settings, the internal loop filter components are automatically
adjusted to achieve the high stability and optimized jitter transfer characteristic of the PLL.
The device supports nonvolatile EEPROM programming for easily customized application. The device is
preprogrammed with a factory default configuration (see Figure 13) and can be reprogrammed to a different
application configuration before it goes onto the PCB or reprogrammed by in-system programming. A different
device setting is programmed via the serial SMBus interface.
Two free programmable inputs, S0 and S1, can be used to control for each application the most demanding logic
control settings (outputs disable to low, outputs 3-state, power down, PLL bypass, etc).
The CDCE706 has three power-supply pins, VCC, VCCOUT1, and VCCOUT2. VCC is the power supply for the device.
It operates from a single 3.3-V supply voltage. VCCOUT1 and VCCOUT2 are the power supply pins for the outputs.
VCCOUT1 supplies the outputs Y0 and Y1, and VCCOUT2 supplies the outputs Y2, Y3, Y4, and Y5. Both output
supplies can be 2.3 V to 3.6 V. At output voltages lower than 3.3 V, the output drive current is limited.
The CDCE706 is characterized for operation from –40°C to 85°C.




Similar Part No. - CDCE706

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE706 TI-CDCE706 Datasheet
1Mb / 32P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDCE706 TI-CDCE706 Datasheet
1Mb / 40P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER/MULTIPLIER/DIVIDER
CDCE706PW TI-CDCE706PW Datasheet
1Mb / 40P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER/MULTIPLIER/DIVIDER
CDCE706PWG4 TI-CDCE706PWG4 Datasheet
1Mb / 40P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER/MULTIPLIER/DIVIDER
CDCE706PWR TI-CDCE706PWR Datasheet
1Mb / 40P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER/MULTIPLIER/DIVIDER
More results


Similar Description - CDCE706

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE906 TI-CDCE906 Datasheet
1Mb / 33P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDCE706 TI-CDCE706 Datasheet
1Mb / 32P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDC906 TI-CDC906 Datasheet
1Mb / 39P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDC706 TI-CDC706 Datasheet
1Mb / 41P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDCE706 TI-CDCE706_10 Datasheet
1Mb / 40P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER/MULTIPLIER/DIVIDER
CDCE906 TI-CDCE906_10 Datasheet
1Mb / 42P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
logo
ON Semiconductor
NB3N65027 ONSEMI-NB3N65027 Datasheet
176Kb / 7P
3.3V Programmable 3-PLL Clock Synthesizer
June, 2011 ??Rev. 2
logo
Texas Instruments
CDCEL824 TI1-CDCEL824 Datasheet
1Mb / 33P
Programmable 2-PLL Clock Synthesizer
CDCE913-Q1 TI1-CDCE913-Q1 Datasheet
897Kb / 27P
Programmable 1-PLL VCXO Clock Synthesizer
CDCE937-Q1 TI1-CDCE937-Q1_15 Datasheet
902Kb / 30P
PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com