Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCLVD2108 Datasheet (PDF) - Texas Instruments

CDCLVD2108 Datasheet PDF - Texas Instruments
Part # CDCLVD2108
Download  CDCLVD2108 Download
File Size   1226.53 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual 1:8 Low Additive Jitter LVDS Buffer

CDCLVD2108 Datasheet (PDF)

Go To PDF Page Download Datasheet
CDCLVD2108 Datasheet PDF - Texas Instruments

Part # CDCLVD2108
Download  CDCLVD2108 Click to download

File Size   1226.53 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual 1:8 Low Additive Jitter LVDS Buffer

CDCLVD2108 Datasheet (HTML) - Texas Instruments


CDCLVD2108 Product details

1FEATURES
• Dual 1:8 Differential Buffer
• Low Additive Jitter <300 fs RMS in
10 kHz to 20 MHz
• Low Within Bank Output Skew of 50 ps (Max)
• Universal Inputs Accept LVDS, LVPECL,
LVCMOS
• One Input Dedicated for Eight Outputs
• Total of 16 LVDS Outputs, ANSI EIA/TIA-644A
Standard Compatible
• Clock Frequency up to 800 MHz
• 2.375–2.625V Device Power Supply
• LVDS Reference Voltage, V AC_REF, Available for
Capacitive Coupled Inputs
• Industrial Temperature Range –40°C to 85°C
• Packaged in 7mm × 7mm 48-Pin QFN (RGZ)
• ESD Protection Exceeds 3 kV HBM, 1 kV CDM

APPLICATIONS
• Telecommunications/Networking
• Medical Imaging
• Test and Measurement Equipment
• Wireless Communications
• General Purpose Clocking

DESCRIPTION
The CDCLVD2108 clock buffer distributes two clock
inputs (IN0, IN1) to a total of 16 pairs of differential
LVDS clock outputs (OUT0, OUT15). Each buffer
block consists of one input and 8 LVDS outputs. The
inputs can either be LVDS, LVPECL, or LVCMOS.
The CDCLVD2108 is specifically designed for driving
50-Ω transmission lines. In case of driving the inputs
in single ended mode, the appropriate bias voltage
(VAC_REF) should be applied to the unused negative
input pin.
Using the control pin (EN) outputs can be either
disabled or enabled. If the EN pin is left open all
outputs are active, if switched to a logical '0' all
outputs are disabled (static logical 0), if switched to a
logical '1', OUT (8..15) are switched off and OUT
(0..7) are active. The part supports a fail safe
function. It incorporates an input hysteresis, which
prevents random oscillation of the outputs in absence
of an input signal.
The device operates in 2.5V supply environment and
is characterized from –40°C to 85°C (ambient
temperature). The CDCLVD2108 is packaged in
small 48-pin, 7-mm x 7-mm QFN package.




Similar Part No. - CDCLVD2108

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVD2108 TI1-CDCLVD2108 Datasheet
778Kb / 20P
Dual 1:8 Low Additive Jitter LVDS Buffer
CDCLVD2108 TI2-CDCLVD2108 Datasheet
1Mb / 19P
Dual 1:8 Low Additive Jitter LVDS Buffer
REVISED DECEMBER 2010
CDCLVD2108RGZR TI1-CDCLVD2108RGZR Datasheet
778Kb / 20P
Dual 1:8 Low Additive Jitter LVDS Buffer
CDCLVD2108RGZR TI2-CDCLVD2108RGZR Datasheet
1Mb / 19P
Dual 1:8 Low Additive Jitter LVDS Buffer
REVISED DECEMBER 2010
CDCLVD2108RGZR.A TI2-CDCLVD2108RGZR.A Datasheet
1Mb / 19P
Dual 1:8 Low Additive Jitter LVDS Buffer
REVISED DECEMBER 2010
More results


Similar Description - CDCLVD2108

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVD1208 TI1-CDCLVD1208 Datasheet
786Kb / 21P
2:8 Low Additive Jitter LVDS Buffer
CDCLVD2102 TI1-CDCLVD2102 Datasheet
753Kb / 20P
Dual 1:2 Low Additive Jitter LVDS Buffer
CDCLVD2104 TI1-CDCLVD2104 Datasheet
782Kb / 21P
Dual 1:4 Low Additive Jitter LVDS Buffer
CDCLVD2106 TI1-CDCLVD2106 Datasheet
706Kb / 21P
Dual 1:6 Low Additive Jitter LVDS Buffer
CDCLVD2108 TI1-CDCLVD2108 Datasheet
778Kb / 20P
Dual 1:8 Low Additive Jitter LVDS Buffer
CDCLVD2106 TI1-CDCLVD2106_14 Datasheet
919Kb / 22P
Dual 1:6 Low Additive Jitter LVDS Buffer
LMK1D1204 TI-LMK1D1204 Datasheet
1Mb / 35P
LMK1D120x Low Additive Jitter LVDS Buffer
REVISED AUGUST 2021
LMK1D1212 TI-LMK1D1212 Datasheet
3Mb / 36P
LMK1D121x Low Additive Jitter LVDS Buffer
SNAS823 ??OCTOBER 2021
LMK1D2102 TI-LMK1D2102 Datasheet
2Mb / 33P
LMK1D210x Low Additive Jitter LVDS Buffer
SNAS822 ??SEPTEMBER 2021
LMK1D2106 TI-LMK1D2106 Datasheet
3Mb / 37P
LMK1D210x Low Additive Jitter LVDS Buffer
SNAS829 ??OCTOBER 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com