Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCM61002 Datasheet (PDF) - Texas Instruments

CDCM61002 Datasheet PDF - Texas Instruments
Part # CDCM61002
Download  CDCM61002 Download
File Size   1215.34 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Two Output, Integrated VCO, Low-Jitter Clock Generator

CDCM61002 Datasheet (PDF)

Go To PDF Page Download Datasheet
CDCM61002 Datasheet PDF - Texas Instruments

Part # CDCM61002
Download  CDCM61002 Click to download

File Size   1215.34 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Two Output, Integrated VCO, Low-Jitter Clock Generator

CDCM61002 Datasheet (HTML) - Texas Instruments


CDCM61002 Product details

1FEATURES
2• One Crystal/LVCMOS Reference Input
Including 24.8832 MHz, 25 MHz, and
26.5625 MHz
• Input Frequency Range: 21.875 MHz to
28.47 MHz
• On-Chip VCO Operates in Frequency Range of
1.75 GHz to 2.05 GHz
• 2x Output Available:
– Pin-Selectable Between LVPECL, LVDS, or
2-LVCMOS; Operates at 3.3 V
• LVCMOS Bypass Output Available
• Output Frequency Selectable by /1, /2, /3, /4, /6,
/8 from a Single Output Divider
• Supports Common LVPECL/LVDS Output Frequencies:
– 62.5 MHz, 74.25 MHz, 75 MHz, 77.76 MHz,
100 MHz, 106.25 MHz, 125 MHz, 150 MHz,
155.52 MHz, 156.25 MHz, 159.375 MHz, 187.5 MHz, 200 MHz, 212.5 MHz, 250 MHz,
311.04 MHz, 312.5 MHz, 622.08 MHz,
625 MHz
• Supports Common LVCMOS Output
Frequencies:
– 62.5 MHz, 74.25 MHz, 75 MHz, 77.76 MHz,
100 MHz, 106.25 MHz, 125 MHz, 150 MHz,
155.52 MHz, 156.25 MHz, 159.375 MHz,
187.5 MHz, 200 MHz, 212.5 MHz, 250 MHz
• Output Frequency Range: 43.75 MHz to
683.264 MHz (See Table 3)
• Internal PLL Loop Bandwidth: 400 kHz
• High-Performance PLL Core:
– Phase Noise typically at –146 dBc/Hz at
5-MHz Offset for 625-MHz LVPECL Output
– Random Jitter typically at 0.509 ps, RMS
(10 kHz to 20 MHz) for 625-MHz LVPECL
Output
• Output Duty Cycle Corrected to 50% (± 5%)
• Low Output Skew of 20 ps on LVPECL Outputs
• Divider Programming Using Control Pins:
– Two Pins for Prescaler/Feedback Divider
– Three Pins for Output Divider
– Two Pins for Output Select
• Chip Enable Control Pin Available
• 3.3-V Core and I/O Power Supply
• Industrial Temperature Range: –40°C to +85°C
• 5-mm × 5-mm, 32-pin, QFN (RHB) Package
• ESD Protection Exceeds 2 kV (HBM)

APPLICATIONS
• Low Jitter Clock Driver for High-End Datacom
Applications Including SONET, Ethernet, Fibre Channel, Serial ATA, and HDTV
• Cost-Effective High-Frequency Crystal Oscillator Replacement

DESCRIPTION
The CDCM61002 is a highly versatile, low-jitter
frequency synthesizer that can generate two low-jitter
clock outputs, selectable between low-voltage
positive emitter coupled logic (LVPECL), low-voltage
differential signaling (LVDS), or low-voltage
complementary metal oxide semiconductor
(LVCMOS) outputs, from a low-frequency crystal or
LVCMOS input for a variety of wireline and data communication applications. The CDCM61002
features an onboard PLL that can be easily
configured solely through control pins. The overall
output random jitter performance is less than 1ps,
RMS (from 10 kHz to 20 MHz), making this device a
perfect choice for use in demanding applications such
as SONET, Ethernet, Fibre Channel, and SAN. The
CDCM61002 is available in a small, 32-pin, 5-mm ×
5-mm QFN package.




Similar Part No. - CDCM61002

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM61002 TI-CDCM61002 Datasheet
865Kb / 34P
Two Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61002 TI-CDCM61002 Datasheet
711Kb / 35P
Two Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61002RHBR TI-CDCM61002RHBR Datasheet
865Kb / 34P
Two Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61002RHBR TI-CDCM61002RHBR Datasheet
711Kb / 35P
Two Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61002RHBT TI-CDCM61002RHBT Datasheet
865Kb / 34P
Two Output, Integrated VCO, Low-Jitter Clock Generator
More results


Similar Description - CDCM61002

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM61001 TI-CDCM61001 Datasheet
857Kb / 33P
One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61002 TI-CDCM61002 Datasheet
865Kb / 34P
Two Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61004 TI-CDCM61004 Datasheet
867Kb / 35P
Four Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001 TI-CDCM61001_10 Datasheet
765Kb / 35P
One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61002 TI-CDCM61002_10 Datasheet
711Kb / 35P
Two Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61004_101 TI-CDCM61004_101 Datasheet
714Kb / 35P
Four Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001 TI1-CDCM61001_12 Datasheet
787Kb / 34P
One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM6100XEVM TI1-CDCM6100XEVM Datasheet
735Kb / 34P
One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001 TI1-CDCM61001_17 Datasheet
953Kb / 35P
One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61004 TI1-CDCM61004_17 Datasheet
1Mb / 39P
Four Output, Integrated VCO, Low-Jitter Clock Generator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com