Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJF-TV Datasheet (PDF) - Amphenol PCD, Inc

RJF-TV Datasheet PDF - Amphenol PCD, Inc
Part # RJF-TV
Download  RJF-TV Download
File Size   2117.73 Kbytes
Page   8 Pages
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc
Description Ethernet connection system for harsh environment Smaller and Lighter

RJF-TV Datasheet (PDF)

Go To PDF Page Download Datasheet
RJF-TV Datasheet PDF - Amphenol PCD, Inc

Part # RJF-TV
Download  RJF-TV Click to download

File Size   2117.73 Kbytes
Page   8 Pages
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc
Description Ethernet connection system for harsh environment Smaller and Lighter

RJF-TV Datasheet (HTML) - Amphenol PCD, Inc


RJF-TV Product details

Features
• Smaller: 41% footprint surface reduction
• Lighter: 15% lighter than standard RJF TV receptacles
• MIL-DTL-38999 coupling mechanism
• Mates with standard RJF TV plugs & caps
• 3 platings: Olive Drab Cadmium, Nickel, Black Zn Ni
• Cat.6 Ethernet : 1Gb up to 250 MHz
• Reduced Flange Deviation (to be added at the end of your part number):
- F312 with standard castle nut
- F311 with safety castle nut*




Similar Part No. - RJF-TV

ManufacturerPart #DatasheetDescription
logo
Amphenol PCD, Inc
RJF-TV6A AMPHENOLPCD-RJF-TV6A Datasheet
2Mb / 8P
Cat6A 10 Gb/s Ethernet connection system for harsh environment
More results


Similar Description - RJF-TV

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
RJF21BSCC AMPHENOL-RJF21BSCC Datasheet
249Kb / 4P
RJ FieldRJ Field Ethernet Connection System for Harsh Environment ?밒ndustrial EthernetTransform
RJF22B03100BTX AMPHENOL-RJF22B03100BTX Datasheet
249Kb / 4P
Ethernet Connection System for Harsh Environment ?밒ndustrial EthernetTransform
JE18 AMPHENOL-JE18 Datasheet
490Kb / 4P
Ethernet ConnectionConnectionSystem System for Harsh EnvironmentHarsh Environment The Industrial Ethernet SolutionEthernet Solution
RJFTV6MG AMPHENOL-RJFTV6MG Datasheet
260Kb / 4P
Ethernet ConnectionSystem for Harsh Environment
RJFC7B AMPHENOL-RJFC7B Datasheet
249Kb / 4P
Ethernet Connection System for Harsh Environment ?밒ndustrial Ethernet
RJFTV2PEM1G AMPHENOL-RJFTV2PEM1G Datasheet
356Kb / 4P
Ethernet ConnectionSystem for Harsh Environment
RJFC7G AMPHENOL-RJFC7G Datasheet
249Kb / 4P
Ethernet Connection System for Harsh Environment - Industrial EthernetTransform
logo
List of Unclassifed Man...
2M801 ETC2-2M801 Datasheet
9Mb / 31P
SMALLER, LIGHTER-WEIGHT ALTERNATIVE FOR D3899 PERFORMANCE
logo
Abracon Corporation
ASTMUPLP ABRACON-ASTMUPLP Datasheet
2Mb / 6P
Harsh environment
07.22.15
logo
Neutrik AG
NE8MC NEUTRIK-NE8MC Datasheet
92Kb / 2P
The RJ45 system for harsh and demanding environment
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com