Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPESD4USB3U-TTSX Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TPESD4USB3U-TTSX Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TPESD4USB3U-TTSX
Download  TPESD4USB3U-TTSX Download
File Size   1930.94 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 4-Lines Uni-directional Channels ESD protection

TPESD4USB3U-TTSX Datasheet (PDF)

Go To PDF Page Download Datasheet
TPESD4USB3U-TTSX Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TPESD4USB3U-TTSX
Download  TPESD4USB3U-TTSX Click to download

File Size   1930.94 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 4-Lines Uni-directional Channels ESD protection

TPESD4USB3U-TTSX Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TPESD4USB3U-TTSX Product details

Features |
» 4 Uni-directional Channels ESD protection |
o Typically Used at High Speed Ports
« Low operating voltage: 3.3V
o Low Channel Input Capacitance of 0.4pF
Typical for 110s (Typ) |

» ~IEC 61000-4-2 (ESD) immunity test
Air discharge: +30kV/
Contact discharge: +30kV
—~IEC61000-4-4 (EFT) 40A (5/50ns)
Totally Lead-Free & Fully RoHS Compliant |
» Halogen and Antimony Free. “Green Device |




Similar Part No. - TPESD4USB3U-TTSX

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPESD4USB3U-TBSX TECHPUBLIC-TPESD4USB3U-TBSX Datasheet
1Mb / 4P
4-Lines Uni-directional Channels ESD protection
More results


Similar Description - TPESD4USB3U-TTSX

ManufacturerPart #DatasheetDescription
logo
FutureWafer Tech Co.,Lt...
FESD05LCD-0.8PF FUTUREWAFER-FESD05LCD-0.8PF Datasheet
613Kb / 5P
Uni-directional, Extra Low Capacitance ESD Protection
logo
Infineon Technologies A...
ESD5V0S1U-02V INFINEON-ESD5V0S1U-02V Datasheet
1Mb / 16P
Uni-directional ESD / Transient Protection Diode
Revision 1.1, 2012-05-31
logo
SeCoS Halbleitertechnol...
KS05BL04 SECOS-KS05BL04 Datasheet
233Kb / 3P
90W, 5V Low Capacitance ESD Protection (Uni-directional)
logo
FutureWafer Tech Co.,Lt...
FESD05LCD FUTUREWAFER-FESD05LCD Datasheet
613Kb / 5P
Uni-directional, Extra Low Capacitance ESD Protection
logo
Will Semiconductor Ltd.
ESDA6V1AW5 WILLSEMI-ESDA6V1AW5 Datasheet
509Kb / 7P
4-Lines, Uni-directional, Transient Voltage Suppressors
ESDA6V1W5 WILLSEMI-ESDA6V1W5 Datasheet
486Kb / 6P
4-Lines, Uni-directional, Transient Voltage Suppressors
ESDA6V8V5 WILLSEMI-ESDA6V8V5 Datasheet
422Kb / 6P
4-Lines, Uni-directional, Transient Voltage Suppressor
logo
First Silicon Co., Ltd
FTV05CUDFN1006 FS-FTV05CUDFN1006 Datasheet
316Kb / 3P
Uni-directional ESD Protection Diode
logo
TECH PUBLIC Electronics...
PESD5V0L6US TECHPUBLIC-PESD5V0L6US Datasheet
2Mb / 4P
6-Line Uni-directional ESD protection
logo
Guangdong Youtai Semico...
PESDXXXL2UM UMW-PESDXXXL2UM Datasheet
331Kb / 5P
Uni-directional ESD protection of two lines or bi-directional ESD protection of one line
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com