Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPESD4USB5B-TBSX Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TPESD4USB5B-TBSX Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TPESD4USB5B-TBSX
Download  TPESD4USB5B-TBSX Download
File Size   1424.55 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 4-Line Ultra Low Capacitance TVS Diode Array

TPESD4USB5B-TBSX Datasheet (PDF)

Go To PDF Page Download Datasheet
TPESD4USB5B-TBSX Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TPESD4USB5B-TBSX
Download  TPESD4USB5B-TBSX Click to download

File Size   1424.55 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 4-Line Ultra Low Capacitance TVS Diode Array

TPESD4USB5B-TBSX Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TPESD4USB5B-TBSX Product details

Features
+ Ultra low capacitance: 0.3pF typical(10/ to 1/0)
+ Low operating voltage: SV.
« Low clamping voltage
+ Upto 4 lines protects
« Leadless flow-through package
+ Complies with following standards:
* _IEC 61000-4-2 (ESD) immunity test
Air discharge: £30KV
Contact discharge : +30kV
— IEC61000-4-5 (Lightning)6A (8/20 ps)




Similar Part No. - TPESD4USB5B-TBSX

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPESD4USB5B-TTSX TECHPUBLIC-TPESD4USB5B-TTSX Datasheet
1Mb / 4P
4-Line Ultra Low Capacitance TVS Diode Array
More results


Similar Description - TPESD4USB5B-TBSX

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LC0502N LEIDITECH-LC0502N Datasheet
108Kb / 3P
4-Line Ultra Low Capacitance TVS Diode Array
LC0504N LEIDITECH-LC0504N Datasheet
159Kb / 3P
4-Line Ultra Low Capacitance TVS Diode Array
LC0504PL6 LEIDITECH-LC0504PL6 Datasheet
130Kb / 3P
4-Line Ultra Low Capacitance TVS Diode Array
LC0518MA LEIDITECH-LC0518MA Datasheet
286Kb / 3P
4-Line Ultra Low Capacitance TVS Diode Array
logo
Applied Power Microelec...
AR0504S6 APMICRO-AR0504S6 Datasheet
745Kb / 4P
4-Line Ultra Low Capacitance TVS Diode Array
AR0524P5 APMICRO-AR0524P5 Datasheet
924Kb / 11P
4-Line Ultra Low Capacitance TVS Diode Array
logo
Shanghai Leiditech Elec...
ULC0524S LEIDITECH-ULC0524S Datasheet
1Mb / 9P
4-Line Ultra Low Capacitance TVS Diode Array
SP3003-04ATG LEIDITECH-SP3003-04ATG Datasheet
394Kb / 3P
4-Line Ultra Low Capacitance TVS Diode Array
Rev : 01.06.2014
TPD4E1U06DCKR LEIDITECH-TPD4E1U06DCKR Datasheet
415Kb / 3P
4-Line Ultra Low Capacitance TVS Diode Array
Rev : 01.06.2014
TPD4S009DCKR LEIDITECH-TPD4S009DCKR Datasheet
415Kb / 3P
4-Line Ultra Low Capacitance TVS Diode Array
Rev : 01.06.2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com