Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPK20I4US5 Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TPK20I4US5 Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TPK20I4US5
Download  TPK20I4US5 Download
File Size   4672.92 Kbytes
Page   7 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Single-Channel, High-Speed, Low-side Gate Driver

TPK20I4US5 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPK20I4US5 Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TPK20I4US5
Download  TPK20I4US5 Click to download

File Size   4672.92 Kbytes
Page   7 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Single-Channel, High-Speed, Low-side Gate Driver

TPK20I4US5 Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TPK20I4US5 Product details

Features |
« 4.510 18-V Single Supply Range
« Outputs Held Low During VDD UVLO
« TTL and CMOS Compatible Input-Logic Threshold
» Input Design Output Held Low when Input

Pins are Floating
« Fast Rise and Fall Times (9ns and 7ns typical) |
« Fast Propagation Delays (13ns typical)
« Split Output Configuration
Strong Sink Current Offers Enhanced Immunity |

Against Miller Turn on
« Input Pins Capable of Withstanding - 5 V

Below GND pin
o Compact package: SOT23-5 |
Applications |
« DC-to-DC Converters |
Desktop PC Power
Switch-Mode Power Supplies |
Companion Gate-Driver Devices for Digital

Power Controllers
« Gate Driver for Emerging Wide Band-Gap

Power Devices (such as GaN)




Similar Part No. - TPK20I4US5

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPK20V4IS5 TECHPUBLIC-TPK20V4IS5 Datasheet
4Mb / 7P
Single-Channel, High-Speed, Low-side Gate Driver
More results


Similar Description - TPK20I4US5

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3100 FAIRCHILD-FAN3100 Datasheet
886Kb / 19P
Single 2A High-Speed, Low-Side Gate Driver
FAN3121 FAIRCHILD-FAN3121 Datasheet
1Mb / 21P
Single 9A High-Speed, Low-Side Gate Driver
FAN3111 FAIRCHILD-FAN3111_11 Datasheet
1Mb / 18P
Single 1A High-Speed, Low-Side Gate Driver
logo
Texas Instruments
UCC27511 TI1-UCC27511 Datasheet
1Mb / 24P
Single Channel High-Speed, Low-Side Gate Driver
UCC27517 TI1-UCC27517 Datasheet
993Kb / 29P
Single Channel High-Speed, Low-Side Gate Driver
UCC27518 TI1-UCC27518 Datasheet
671Kb / 24P
Single Channel High-Speed, Low-Side Gate Driver
logo
Fairchild Semiconductor
FAN3121 FAIRCHILD-FAN3121_12 Datasheet
1Mb / 20P
Single 9A High-Speed, Low-Side Gate Driver
logo
Texas Instruments
UCC27511_1209 TI1-UCC27511_1209 Datasheet
1Mb / 32P
Single Channel High-Speed, Low-Side Gate Driver
UCC27517A-Q1 TI1-UCC27517A-Q1_15 Datasheet
1Mb / 31P
Single-Channel High-Speed Low-Side Gate Driver
logo
ON Semiconductor
FAN3111 ONSEMI-FAN3111 Datasheet
919Kb / 19P
Single 1A High-Speed, Low-Side Gate Driver
January 2015 Rev. 1.6
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com