Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPNUP1301U Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TPNUP1301U Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TPNUP1301U
Download  TPNUP1301U Download
File Size   2301.6 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Ultra low capacitance ESD protection array

TPNUP1301U Datasheet (PDF)

Go To PDF Page Download Datasheet
TPNUP1301U Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TPNUP1301U
Download  TPNUP1301U Click to download

File Size   2301.6 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Ultra low capacitance ESD protection array

TPNUP1301U Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TPNUP1301U Product details

Features |
o Operating voltage: 80V
« Peak Pulse Power (8/20s):240W
« Ultra low leakage: nA level
o Low clamping voltage
IEC 61000-4-2 (ESD) immunity test
Air discharge: £25kV
Contact discharge: +20kV
—~IEC61000-4-4 (EFT) 40A (5/50ns)
3-pin leadless package
o These are Pb-Free Devices
« Response Time is Typically < 1 ns




Similar Part No. - TPNUP1301U

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPNUP1105LT1G TECHPUBLIC-TPNUP1105LT1G Datasheet
1Mb / 4P
2-Line Uni-directional TVS Diode
More results


Similar Description - TPNUP1301U

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TESDH5V0A TSC-TESDH5V0A Datasheet
376Kb / 4P
Ultra low capacitance ESD Protection Array
TESDM5V0A TSC-TESDM5V0A Datasheet
183Kb / 4P
Ultra Low Capacitance ESD Protection Array
logo
NXP Semiconductors
NUP1301U115 PHILIPS-NUP1301U115 Datasheet
138Kb / 14P
Ultra low capacitance ESD protection array
Rev. 1-28 January 2011
logo
Taiwan Semiconductor Co...
TESDH5V0A TSC-TESDH5V0A_15 Datasheet
277Kb / 5P
Ultra Low Capacitance ESD Protection Array
logo
ON Semiconductor
ESDR0502N ONSEMI-ESDR0502N_16 Datasheet
86Kb / 5P
Ultra Low Capacitance ESD Protection Array
November, 2016 ??Rev. 5
logo
Rectron Semiconductor
TEP0504DLC RECTRON-TEP0504DLC Datasheet
176Kb / 5P
Ultra Low Capacitance ESD Protection Array
logo
Nexperia B.V. All right...
NUP1301U NEXPERIA-NUP1301U Datasheet
725Kb / 14P
Ultra low capacitance ESD protection array
logo
Rectron Semiconductor
TEP0516LC RECTRON-TEP0516LC Datasheet
151Kb / 6P
Ultra Low Capacitance ESD Protection Array
logo
Nexperia B.V. All right...
NUP1301-Q NEXPERIA-NUP1301-Q Datasheet
276Kb / 13P
Ultra low capacitance ESD protection array
4 July 2022
NUP1301U-Q NEXPERIA-NUP1301U-Q Datasheet
274Kb / 12P
Ultra low capacitance ESD protection array
6 May 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com