Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD18534KCS Datasheet (PDF) - Texas Instruments

CSD18534KCS Datasheet PDF - Texas Instruments
Part # CSD18534KCS
Download  CSD18534KCS Download
File Size   1211.03 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CSD18534KCS 60V N-Channel NexFET™ Power MOSFET

CSD18534KCS Datasheet (PDF)

Go To PDF Page Download Datasheet
CSD18534KCS Datasheet PDF - Texas Instruments

Part # CSD18534KCS
Download  CSD18534KCS Click to download

File Size   1211.03 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CSD18534KCS 60V N-Channel NexFET™ Power MOSFET

CSD18534KCS Datasheet (HTML) - Texas Instruments


CSD18534KCS Product details

1 Features
• Ultra-low Qg and Qgd
• Low thermal resistance
• Avalanche rated
• Logic level
• Pb-Free terminal plating
• RoHS compliant
• Halogen free
• TO-220 plastic package

2 Applications
• DC-DC conversion
• Secondary side synchronous rectifier
• Motor control

3 Description
This 7.6mΩ, 60V TO-220 NexFET™ power MOSFET
is designed to minimize losses in power conversion
applications.




Similar Part No. - CSD18534KCS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD18534KCS TI-CSD18534KCS Datasheet
843Kb / 8P
60-V, N-Channel NexFET Power MOSFETs
logo
VBsemi Electronics Co.,...
CSD18534KCS VBSEMI-CSD18534KCS Datasheet
999Kb / 7P
N-Channel 60 V (D-S) MOSFET
logo
Inchange Semiconductor ...
CSD18534KCS ISC-CSD18534KCS Datasheet
322Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - CSD18534KCS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD16413Q5A TI1-CSD16413Q5A Datasheet
342Kb / 11P
N-Channel NexFET??Power MOSFET
CSD18531Q5A TI1-CSD18531Q5A Datasheet
699Kb / 10P
60V N-Channel NexFET??Power MOSFETs
CSD18540Q5B TI-CSD18540Q5B_15 Datasheet
974Kb / 15P
CSD18540Q5B 60V N-Channel NexFET Power MOSFETs
CSD18531Q5A TI1-CSD18531Q5A_16 Datasheet
362Kb / 13P
60V N-Channel NexFET Power MOSFET
CSD18532Q5B TI1-CSD18532Q5B_16 Datasheet
877Kb / 14P
60V N-Channel NexFET Power MOSFETs
CSD18533Q5A TI1-CSD18533Q5A_16 Datasheet
822Kb / 13P
60V N-Channel NexFET Power MOSFET
CSD18534Q5A TI1-CSD18534Q5A_16 Datasheet
420Kb / 13P
60V N-Channel NexFET Power MOSFET
CSD18537NQ5A TI1-CSD18537NQ5A_16 Datasheet
699Kb / 14P
60V N-Channel NexFET Power MOSFETs
CSD18540Q5B TI1-CSD18540Q5B_16 Datasheet
438Kb / 13P
60V N-Channel NexFET Power MOSFETs
CSD18542KCS TI1-CSD18542KCS Datasheet
468Kb / 11P
60V N-Channel NexFET Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com