Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD85312Q3E Datasheet (PDF) - Texas Instruments

CSD85312Q3E Datasheet PDF - Texas Instruments
Part # CSD85312Q3E
Download  CSD85312Q3E Download
File Size   1207.72 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual 20 V N-Channel NexFET™ Power MOSFETs

CSD85312Q3E Datasheet (PDF)

Go To PDF Page Download Datasheet
CSD85312Q3E Datasheet PDF - Texas Instruments

Part # CSD85312Q3E
Download  CSD85312Q3E Click to download

File Size   1207.72 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual 20 V N-Channel NexFET™ Power MOSFETs

CSD85312Q3E Datasheet (HTML) - Texas Instruments


CSD85312Q3E Product details

1FEATURES
• Common Source Connection
• Low Drain to Drain On-Resistance
• Space Saving SON 3.3 x 3.3 mm Plastic
Package
• Optimized for 5 V Gate Drive
• Low Thermal Resistance
• Avalanche Rated
• Pb-Free Terminal Plating
• RoHS Compliant
• Halogen Free

APPLICATIONS
• Adaptor or USB Input Protection for Notebook
PCs and Tablets

DESCRIPTION
The CSD85312Q3E is a 20 V common-source, dual
N-channel device designed for adaptor or USB input
protection. This SON 3.3 x 3.3 mm device has low
drain to drain on-resistance that minimizes losses and
offers low component count for space constrained
multi-cell battery charging applications.




Similar Part No. - CSD85312Q3E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD85312Q3E TI1-CSD85312Q3E Datasheet
1Mb / 13P
Dual 20 V N-Channel NexFE Power MOSFETs
CSD85312Q3E TI1-CSD85312Q3E Datasheet
1Mb / 13P
Dual 20 V N-Channel NexFET Power MOSFETs
More results


Similar Description - CSD85312Q3E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD87312Q3E TI-CSD87312Q3E Datasheet
789Kb / 12P
Dual 30-V N-Channel NexFET Power MOSFETs
CSD15571Q2 TI-CSD15571Q2 Datasheet
836Kb / 10P
20-V N-Channel NexFET Power MOSFETs
CSD85312Q3E TI1-CSD85312Q3E Datasheet
1Mb / 13P
Dual 20 V N-Channel NexFET Power MOSFETs
CSD85301Q2 TI-CSD85301Q2_15 Datasheet
1Mb / 15P
CSD85301Q2 20 V Dual N-Channel NexFET Power MOSFETs
CSD87502Q2 TI1-CSD87502Q2 Datasheet
599Kb / 13P
Dual N-Channel NexFET Power MOSFETs
CSD85302L TI1-CSD85302L Datasheet
418Kb / 13P
20 V Dual N-Channel NexFET Power MOSFET
CSD88539ND TI1-CSD88539ND_16 Datasheet
961Kb / 13P
Dual 60 V N-Channel NexFET Power MOSFETs
CSD17581Q5A TI1-CSD17581Q5A Datasheet
337Kb / 13P
V N-Channel NexFET Power MOSFETs
CSD87313DMS TI1-CSD87313DMS Datasheet
1Mb / 16P
30-V Dual N-Channel NexFET Power MOSFETs
CSD25310Q2 TI1-CSD25310Q2_18 Datasheet
779Kb / 14P
20 V P-Channel NexFET Power MOSFETs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com