Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD85301Q2G4.B Datasheet (PDF) - Texas Instruments

CSD85301Q2G4.B Datasheet PDF - Texas Instruments
Part # CSD85301Q2G4.B
Download  CSD85301Q2G4.B Download
File Size   1203.94 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CSD85301Q2 20V Dual N-Channel NexFET™ Power MOSFETs

CSD85301Q2G4.B Datasheet (PDF)

Go To PDF Page Download Datasheet
CSD85301Q2G4.B Datasheet PDF - Texas Instruments

Part # CSD85301Q2G4.B
Download  CSD85301Q2G4.B Click to download

File Size   1203.94 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CSD85301Q2 20V Dual N-Channel NexFET™ Power MOSFETs

CSD85301Q2G4.B Datasheet (HTML) - Texas Instruments


CSD85301Q2G4.B Product details

1 Features
• Low on-resistance
• Dual independent MOSFETs
• Space saving SON 2mm × 2mm plastic package
• Optimized for 5V gate driver
• Avalanche rated
• Pb and halogen free
• RoHS compliant

2 Applications
• Point-of-load synchronous buck converter for
applications in networking, telecom, and
computing systems
• Adaptor or USB input protection for notebook PCs
and tablets
• Battery protection

3 Description
The CSD85301Q2 is a 20V, 23mΩ N-Channel
device with dual independent MOSFETs in a SON
2mm x 2mm plastic package. The two FETs were
designed to be used in a half bridge configuration
for synchronous buck and other power supply
applications. Additionally, this part can be used for
adaptor, USB input protection and battery charging
applications. The dual FETs feature low drain to
source on-resistance that minimizes losses and
offers low component count for space constrained
applications.




Similar Part No. - CSD85301Q2G4.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD85301Q2 TI1-CSD85301Q2 Datasheet
1Mb / 15P
20V Dual N-Channel NexFET Power MOSFETs
CSD85301Q2T TI1-CSD85301Q2T Datasheet
1Mb / 15P
20V Dual N-Channel NexFET Power MOSFETs
CSD85301Q2 TI-CSD85301Q2_15 Datasheet
1Mb / 15P
CSD85301Q2 20 V Dual N-Channel NexFET Power MOSFETs
More results


Similar Description - CSD85301Q2G4.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD16325Q5 TI-CSD16325Q5 Datasheet
242Kb / 10P
N-Channel NexFET Power MOSFETs
CSD16301Q2 TI-CSD16301Q2_11 Datasheet
183Kb / 9P
N-Channel NexFET??Power MOSFETs
CSD16323Q3 TI1-CSD16323Q3 Datasheet
392Kb / 12P
N-Channel NexFET??Power MOSFETs
CSD16403Q5A TI1-CSD16403Q5A Datasheet
345Kb / 10P
N-Channel NexFET??Power MOSFETs
CSD16406Q3 TI1-CSD16406Q3 Datasheet
364Kb / 11P
N-Channel NexFET??Power MOSFETs
CSD25481F4 TI1-CSD25481F4 Datasheet
1Mb / 12P
20V, P-Channel NexFET??Power MOSFETs
CSD85301Q2 TI-CSD85301Q2_15 Datasheet
1Mb / 15P
CSD85301Q2 20 V Dual N-Channel NexFET Power MOSFETs
CSD87502Q2 TI1-CSD87502Q2 Datasheet
599Kb / 13P
Dual N-Channel NexFET Power MOSFETs
CSD85301Q2 TI1-CSD85301Q2 Datasheet
1Mb / 15P
20V Dual N-Channel NexFET Power MOSFETs
CSD87312Q3E TI1-CSD87312Q3E_14 Datasheet
794Kb / 13P
Dual 30V N-Channel NexFET Power MOSFETs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com