Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5571 Datasheet (PDF) - Texas Instruments

DAC5571 Datasheet PDF - Texas Instruments
Part # DAC5571
Download  DAC5571 Download
File Size   1200.38 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 8-BIT DIGITAL-TO-ANALOG CONVERTER

DAC5571 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC5571 Datasheet PDF - Texas Instruments

Part # DAC5571
Download  DAC5571 Click to download

File Size   1200.38 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 8-BIT DIGITAL-TO-ANALOG CONVERTER

DAC5571 Datasheet (HTML) - Texas Instruments


DAC5571 Product details

FEATURES
· Micropower Operation: 125 μA @ 3 V
· Fast Update Rate: 188 KSPS
· Power-On Reset to Zero
· +2.7-V to +5.5-V Power Supply
· Specified Monotonic by Design
· I2C™ Interface up to 3.4 Mbps
· On-Chip Output Buffer Amplifier, Rail-to-Rail
Operation
· Double-Buffered Input Register
· Address Support for up to Two DAC5571s
· Small 6 Lead SOT 23 Package
· Operation From –40°C to 105°C

APPLICATIONS
· Process Control
· Data Acquistion Systems
· Closed-Loop Servo Control
· PC Peripherals
· Portable Instrumentation

DESCRIPTION
The DAC5571 is a low-power, single-channel, 8-bit
buffered voltage output DAC. Its on-chip precision
output amplifier allows rail-to-rail output swing to be
achieved. The DAC5571 utilizes an I2C-compatible,
two-wire serial interface that operates at clock rates
up to 3.4 Mbps with address support of up to two
DAC5571s on the same data bus.
The output voltage range of the DAC is 0 V to VDD.
The DAC5571 incorporates a power-on-reset circuit
that ensures that the DAC output powers up at zero
volts and remains there until a valid write to the
device takes place. The DAC5571 contains a
power-down feature, accessed via the internal control register, that reduces the current consumption of the
device to 50 nA at 5 V.
The low-power consumption of this part in normal
operation makes it ideally suited for portable battery
operated equipment. The power consumption is less
than 0.7 mW at VDD = 5 V reducing to 1 μW in
power-down mode.
DAC7571/6571/5571 are 12/10/8-bit, single-channel
I2C DACs from the same family. DAC7574/6574/5574
and DAC7573/6573/5573 are 12/10/8-bit
quad-channel I2C DACs. Also see DAC8571/8574 for
single/quad-channel, 16-bit I2C DACs.




Similar Part No. - DAC5571

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5571 TI-DAC5571 Datasheet
453Kb / 21P
2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 8-BIT DIGITAL-TO-ANALOG CONVERTER
DAC5571 TI-DAC5571 Datasheet
625Kb / 23P
2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 8-BIT DIGITAL-TO-ANALOG CONVERTER
DAC5571 TI1-DAC5571 Datasheet
564Kb / 24P
2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 8-BIT DIGITAL-TO-ANALOG CONVERTER
DAC5571IDBVR TI-DAC5571IDBVR Datasheet
453Kb / 21P
2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 8-BIT DIGITAL-TO-ANALOG CONVERTER
DAC5571IDBVR TI-DAC5571IDBVR Datasheet
625Kb / 23P
2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 8-BIT DIGITAL-TO-ANALOG CONVERTER
More results


Similar Description - DAC5571

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV571 TI-TLV571 Datasheet
405Kb / 27P
2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
DAC5571 TI-DAC5571 Datasheet
453Kb / 21P
2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 8-BIT DIGITAL-TO-ANALOG CONVERTER
DAC6571 TI-DAC6571 Datasheet
524Kb / 22P
2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 10-BIT DIGITAL-TO-ANALOG CONVERTER
DAC7571 TI-DAC7571 Datasheet
766Kb / 21P
2.7 V TO 5.5V I2C INTERFACE, VOLTAGE OUTPUT, 12-BIT DIGITAL-TO-ANALOG CONVERTER
TLV571 TI-TLV571_06 Datasheet
419Kb / 28P
2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
DAC5571 TI-DAC5571_07 Datasheet
625Kb / 23P
2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 8-BIT DIGITAL-TO-ANALOG CONVERTER
TLV571 TI-TLV571_07 Datasheet
429Kb / 28P
2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
DAC5571 TI1-DAC5571 Datasheet
564Kb / 24P
2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 8-BIT DIGITAL-TO-ANALOG CONVERTER
TLV571 TI1-TLV571_14 Datasheet
527Kb / 30P
2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT PARALLEL ANALOG-TO-DIGITAL CONVERTER
DAC7571 TI1-DAC7571_15 Datasheet
1Mb / 27P
2.7 V to 5.5 V, I2C INTERFACE (RECEIVE ONLY), VOLTAGE OUTPUT,12-BIT DIGITAL-TO-ANALOG CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com