Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC714 Datasheet (PDF) - Texas Instruments

DAC714 Datasheet PDF - Texas Instruments
Part # DAC714
Download  DAC714 Download
File Size   1173.16 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface

DAC714 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC714 Datasheet PDF - Texas Instruments

Part # DAC714
Download  DAC714 Click to download

File Size   1173.16 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface

DAC714 Datasheet (HTML) - Texas Instruments


DAC714 Product details

FEATURES:
SERIAL DIGITAL INTERFACE
VOLTAGE OUTPUT: ±10V, ±5V, 0 to +10V
1 LSB INTEGRAL LINEARITY
16-BIT MONOTONIC OVER TEMPERATURE
PRECISION INTERNAL REFERENCE
LOW NOISE: 120nV/√Hz Including Reference
16-LEAD PLASTIC AND CERAMIC SKINNY
DIP AND PLASTIC SO PACKAGES

DESCRIPTION
The DAC714 is a complete monolithic digital-toanalog
(D/A) converter including a +10V temperature compensated
reference, current-to-voltage amplifier, a high-speed
synchronous serial interface, a serial output which allows
cascading multiple converters, and an asynchronous clear
function which immediately sets the output voltage to midscale.
The output voltage range is ±10V, ±5V, or 0 to +10V while
operating from ±12V or ±15V supplies. The gain and bipolar
offset adjustments are designed so that they can be set via
external potentiometers or external D/A converters. The
output amplifier is protected against short circuit to ground.
The 16-pin DAC714 is available in a plastic 0.3" DIP, ceramic
0.3" CERDIP, and wide-body plastic SO package. The
DAC714P, U, HB, and HC are specified over the –40°C to
+85°C temperature range while the DAC714HL is specified
over the 0°C to +70°C range.




Similar Part No. - DAC714

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC714 BURR-BROWN-DAC714 Datasheet
127Kb / 14P
16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
logo
Texas Instruments
DAC714 TI1-DAC714 Datasheet
779Kb / 22P
16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
DAC71408 TI1-DAC71408 Datasheet
501Kb / 42P
8-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
DAC71408 TI1-DAC71408 Datasheet
2Mb / 55P
8-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
DAC71408RHAR TI1-DAC71408RHAR Datasheet
2Mb / 55P
8-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
More results


Similar Description - DAC714

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC4814 BURR-BROWN-DAC4814 Datasheet
235Kb / 12P
Quad 12-Bit Digital-to-Analog Converter Serial Interface
DAC712 BURR-BROWN-DAC712 Datasheet
302Kb / 12P
16-BIT DIGITAL-TO-ANALOG CONVERTER With 16-Bit Bus Interface
DAC714 BURR-BROWN-DAC714 Datasheet
127Kb / 14P
16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
DAC715 BURR-BROWN-DAC715 Datasheet
288Kb / 11P
16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC716 BURR-BROWN-DAC716 Datasheet
201Kb / 13P
16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
PCM2702 BURR-BROWN-PCM2702 Datasheet
117Kb / 11P
16-Bit Stereo DIGITAL-TO-ANALOG CONVERTER with Interface
logo
Texas Instruments
DAC712 TI1-DAC712 Datasheet
434Kb / 23P
16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC714 TI1-DAC714 Datasheet
779Kb / 22P
16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
DAC715 TI1-DAC715 Datasheet
230Kb / 14P
16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC716 TI1-DAC716 Datasheet
176Kb / 16P
16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com