Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7800LU.A Datasheet (PDF) - Texas Instruments

DAC7800LU.A Datasheet PDF - Texas Instruments
Part # DAC7800LU.A
Download  DAC7800LU.A Download
File Size   1158.17 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS

DAC7800LU.A Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC7800LU.A Datasheet PDF - Texas Instruments

Part # DAC7800LU.A
Download  DAC7800LU.A Click to download

File Size   1158.17 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS

DAC7800LU.A Datasheet (HTML) - Texas Instruments


DAC7800LU.A Product details

FEATURES
TWO DACs IN A 0.3" WIDE PACKAGE
SINGLE +5V SUPPLY
HIGH-SPEED DIGITAL INTERFACE:
Serial—DAC7800
8 + 4-Bit Parallel—DAC7801
12-Bit Parallel—DAC7802
MONOTONIC OVER TEMPERATURE
LOW CROSSTALK: –94dB min
FULLY SPECIFIED OVER –40OC TO +85OC

APPLICATIONS
PROCESS CONTROL OUTPUTS
ATE PIN ELECTRONICS LEVEL SETTING
PROGRAMMABLE FILTERS
PROGRAMMABLE GAIN CIRCUITS
AUTO-CALIBRATION CIRCUITS

DESCRIPTION
The DAC7800, DAC7801 and DAC7802 are members of a
new family of monolithic dual 12-bit CMOS multiplying Digital-
to-Analog Converters (DACs). The digital interface speed
and the AC multiplying performance are achieved by using
an advanced CMOS process optimized for data conversion
circuits. High stability on-chip resistors provide true 12-bit
integral and differential linearity over the wide industrial
temperature range of –40°C to +85°C.
The DAC7800 features a serial interface capable of clockingin
data at a rate of at least 10MHz. Serial data is clocked
(edge triggered) MSB first into a 24-bit shift register and then
latched into each DAC separately or simultaneously as
required by the application. An asynchronous CLEAR control
is provided for power-on reset or system calibration functions.
It is packaged in a 16-pin 0.3" wide plastic DIP.
The DAC7801 has a 2-byte (8 + 4) double-buffered interface.
Data is first loaded (level transferred) into the input registers
in two steps for each DAC. Then both DACs are updated
simultaneously. The DAC7801 features an asynchronous
CLEAR control. The DAC7801 is packaged in a 24-pin 0.3"
wide plastic DIP. The DAC7802 has a single-buffered 12-bit
data word interface. Parallel data is loaded (edge triggered)
into the single DAC register for each DAC. The DAC7802 is
packaged in a 24-pin 0.3" wide plastic DIP.




Similar Part No. - DAC7800LU.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7800LU TI-DAC7800LU Datasheet
273Kb / 17P
Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
logo
Burr-Brown (TI)
DAC7800LU BURR-BROWN-DAC7800LU Datasheet
645Kb / 20P
Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC7800LU TI1-DAC7800LU Datasheet
1,019Kb / 23P
Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
DAC7800LU/1K TI1-DAC7800LU/1K Datasheet
1,019Kb / 23P
Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
More results


Similar Description - DAC7800LU.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7800 TI-DAC7800 Datasheet
273Kb / 17P
Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
TLC7528C TI-TLC7528C Datasheet
247Kb / 17P
DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7628C TI-TLC7628C Datasheet
156Kb / 10P
DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
logo
Burr-Brown (TI)
DAC7800 BURR-BROWN-DAC7800 Datasheet
180Kb / 12P
Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
DAC80 BURR-BROWN-DAC80 Datasheet
211Kb / 9P
Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
TLC7524C TI-TLC7524C_08 Datasheet
633Kb / 21P
8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
logo
Burr-Brown (TI)
DAC7800 BURR-BROWN-DAC7800_04 Datasheet
645Kb / 20P
Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC80P TI-DAC80P Datasheet
190Kb / 10P
Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
TLC7528C TI-TLC7528C_15 Datasheet
1Mb / 28P
DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
DAC7800 TI1-DAC7800_15 Datasheet
1,019Kb / 23P
Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com