Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8820 Datasheet (PDF) - Texas Instruments

DAC8820 Datasheet PDF - Texas Instruments
Part # DAC8820
Download  DAC8820 Download
File Size   1234.98 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-Bit, Parallel Input Multiplying Digital-to-Analog Converter

DAC8820 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC8820 Datasheet PDF - Texas Instruments

Part # DAC8820
Download  DAC8820 Click to download

File Size   1234.98 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-Bit, Parallel Input Multiplying Digital-to-Analog Converter

DAC8820 Datasheet (HTML) - Texas Instruments


DAC8820 Product details

1FEATURES
2· ±0.5 LSB DNL
· ±1 LSB INL
· 16-Bit Monotonic
· Low Noise: 10 nV/√Hz
· Low Power: IDD = 2 mA
· Analog Power Supply: +2.7 V to +5.5 V
· 1.66 mA Full-Scale Current,
with VREF = 10 V
· Settling Time: 0.5 ms
· 4-Quadrant Multiplying Reference
· Reference Bandwidth: 8 MHz
· Reference Input: ±15 V
· Reference Dynamics: –105 dB THD
· SSOP-28 Package
· Industry-Standard Pin Configuration

APPLICATIONS
· Automatic Test Equipment
· Instrumentation
· Digitally Controlled Calibration
· Industrial Control PLCs

DESCRIPTION
The DAC8820, a multiplying digital-to-analog converter (DAC), is designed to operate from a single
2.7 V to 5.5 V supply.
The applied external reference input voltage VREF
determines the full-scale output current. An internal
feedback resistor (RFB) provides temperature tracking
for the full-scale output when combined with an
external, current-to-voltage (I/V) precision amplifier.
A parallel interface offers high-speed communications. The DAC8820 is packaged in a
space-saving SSOP-28 package and has an
industry-standard pinout.




Similar Part No. - DAC8820

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8820 TI-DAC8820 Datasheet
1Mb / 22P
16-Bit, Parallel Input Multiplying Digital-to-Analog Converter
DAC8820IB TI-DAC8820IB Datasheet
1Mb / 22P
16-Bit, Parallel Input Multiplying Digital-to-Analog Converter
DAC8820IBDB TI-DAC8820IBDB Datasheet
1Mb / 22P
16-Bit, Parallel Input Multiplying Digital-to-Analog Converter
DAC8820IBDBG4 TI-DAC8820IBDBG4 Datasheet
1Mb / 22P
16-Bit, Parallel Input Multiplying Digital-to-Analog Converter
DAC8820IBDBR TI-DAC8820IBDBR Datasheet
1Mb / 22P
16-Bit, Parallel Input Multiplying Digital-to-Analog Converter
More results


Similar Description - DAC8820

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC7821 TI-DAC7821 Datasheet
1Mb / 18P
12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC7822 BURR-BROWN-DAC7822 Datasheet
610Kb / 18P
Dual, 12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8822 BURR-BROWN-DAC8822 Datasheet
495Kb / 21P
16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8822 BURR-BROWN-DAC8822_07 Datasheet
499Kb / 24P
16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC8806 TI-DAC8806 Datasheet
1Mb / 20P
14-Bit, Parallel Input Multiplying Digital-to-Analog Converter
DAC8820 TI-DAC8820 Datasheet
1Mb / 22P
16-Bit, Parallel Input Multiplying Digital-to-Analog Converter
DAC8811ICDGKT TI1-DAC8811ICDGKT Datasheet
979Kb / 21P
16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI1-DAC8811 Datasheet
1Mb / 29P
16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8805 TI1-DAC8805_14 Datasheet
797Kb / 25P
14-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com