Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8811IBDGK Datasheet (PDF) - Texas Instruments

DAC8811IBDGK Datasheet PDF - Texas Instruments
Part # DAC8811IBDGK
Download  DAC8811IBDGK Download
File Size   1171.13 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DAC8811 16-Bit, Serial Input Multiplying Digital-to-Analog Converter

DAC8811IBDGK Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC8811IBDGK Datasheet PDF - Texas Instruments

Part # DAC8811IBDGK
Download  DAC8811IBDGK Click to download

File Size   1171.13 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DAC8811 16-Bit, Serial Input Multiplying Digital-to-Analog Converter

DAC8811IBDGK Datasheet (HTML) - Texas Instruments


DAC8811IBDGK Product details

1 Features
1• ±0.5 LSB DNL
• 16-Bit Monotonic
• ±1 LSB INL
• Low Noise: 12 nV/√Hz
• Low Power: IDD = 2 μA
• 2.7-V to 5.5-V Analog Power Supply
• 2-mA Full-Scale Current ±20%,
with VREF = 10 V
• 50-MHz Serial Interface
• 0.5-μs Settling Time
• 4-Quadrant Multiplying Reference
• Reference Bandwidth: 10 MHz
• ±10-V Reference Input
• Reference Dynamics: –105 THD
• Tiny 8-Lead 3 × 3 mm VSON and 3 × 5 mm
VSSOP Packages
• Industry-Standard Pin Configuration

2 Applications
• Automatic Test Equipment
• Instrumentation
• Digitally Controlled Calibration
• Industrial Control PLCs

3 Description
The DAC8811 multiplying digital-to-analog converter
(DAC) is designed to operate from a single 2.7-V to
5.5-V supply.
The applied external reference input voltage VREF
determines the full-scale output current. An internal
feedback resistor (RFB) provides temperature tracking
for the full-scale output when combined with an
external I-to-V precision amplifier.
A serial data interface offers high-speed, three-wire
microcontroller-compatible inputs using data-in (SDI),
clock (CLK), and chip-select (CS).
On power-up, the DAC register is filled with zeroes,
and the DAC output is at zero scale.
The DAC8811 is packaged in space-saving 8-lead
VSON and VSSOP packages.




Similar Part No. - DAC8811IBDGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8811IBDGKR TI1-DAC8811IBDGKR Datasheet
979Kb / 21P
16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811IBDGKR TI1-DAC8811IBDGKR Datasheet
1Mb / 29P
16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811IBDGKT TI1-DAC8811IBDGKT Datasheet
979Kb / 21P
16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811IBDGKT TI1-DAC8811IBDGKT Datasheet
1Mb / 29P
16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811IBDGKTG4 TI1-DAC8811IBDGKTG4 Datasheet
1Mb / 29P
16-Bit, Serial Input Multiplying Digital-to-Analog Converter
More results


Similar Description - DAC8811IBDGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8814 TI-DAC8814 Datasheet
264Kb / 31P
Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812 Datasheet
1Mb / 18P
Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8811ICDGKT TI1-DAC8811ICDGKT Datasheet
979Kb / 21P
16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811_15 Datasheet
1Mb / 29P
DAC8811 16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812_15 Datasheet
1Mb / 29P
DAC8812 Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8811 TI1-DAC8811 Datasheet
1Mb / 29P
16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8812 TI1-DAC8812 Datasheet
1Mb / 29P
Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8814 TI1-DAC8814_09 Datasheet
3Mb / 27P
Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC7811 TI1-DAC7811_14 Datasheet
1Mb / 24P
12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com