Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC410 Datasheet (PDF) - Texas Instruments

DLPC410 Datasheet PDF - Texas Instruments
Part # DLPC410
Download  DLPC410 Download
File Size   1196.99 Kbytes
Page   53 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DLP650LNIR 0.65 NIR WXGA S450 DMD

DLPC410 Datasheet (PDF)

Go To PDF Page Download Datasheet
DLPC410 Datasheet PDF - Texas Instruments

Part # DLPC410
Download  DLPC410 Click to download

File Size   1196.99 Kbytes
Page   53 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DLP650LNIR 0.65 NIR WXGA S450 DMD

DLPC410 Datasheet (HTML) - Texas Instruments


DLPC410 Product details

1 Features
1• 1280 × 800 (WXGA) Array with >1 Million
Micromirrors
– 10.8 μm Micromirror Pitch
– ±12° Micromirror Tilt Angle (Relative to Flat
State)
– 0.65-Inch Diagonal Array Designed for Corner
Illumination
– 0.5 °C/W Thermal Resistance High Efficiency
Package
• Efficient Steering of NIR Light ( 800 nm to 2000
nm)
– Up to 160-W Incident on DMD
– Window Transmission Efficiency >98% (950
nm to 1150 nm, Single Pass, Two Window
Surfaces)
– Window Transmission Efficiency >93% (850
nm to 2000 nm, Single Pass, Two Window
Surfaces)
– Polarization Independent Aluminum
Micromirrors
• 16-Bit, 2xLVDS, 400-MHz Input Data Bus
• Dedicated DLPC410 Controller, DLPR410 PROM,
and DLPA200 Micromirror Driver for Reliable High
Speed Operation
– Binary Pattern Rates up to 12,500 Hz
– Global, Single, Dual, and Quad Block Mirror
Clocking Pulse (Reset) Operational Modes

2 Applications
• 3D Printing, Selective Laser Sintering (SLS)
• Dynamic Grayscale Laser Marking and Coding
• Industrial Printing, Flexographic Printing, Digital
Platemaking
• Repair and Ablation
• Spectroscopy
• 3D Machine vision and 3D Biometrics
• Infrared Scene Projection
• Hyperspectral Imaging
• Optical Switching

3 Description
The DLP650LNIR digital micromirror device (DMD)
operates as a spatial light modulator (SLM) to steer
near-infrared (NIR) light and generate high speed
patterns for advanced imaging in industrial
equipment. The thermally efficient package allows
customers to combine the DMD with high-power NIR
laser illumination for dynamic digital printing, sintering
and marking solutions. The DLP650LNIR, DLPC410,
DLPR410 and DLPA200 chipset provides 1-bit
pattern rates up to 12,500 Hz with pixel-accurate
control so engineers can design more innovative and
precise optical systems than traditional steering
lasers allow.




Similar Part No. - DLPC410

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPC410 TI1-DLPC410 Datasheet
1Mb / 63P
Digital Controller
DLPC410ZYR TI1-DLPC410ZYR Datasheet
1Mb / 63P
Digital Controller
More results


Similar Description - DLPC410

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLP4500 TI1-DLP4500 Datasheet
2Mb / 36P
DLP 0.45 WXGA DMD
DLP4500NIR TI1-DLP4500NIR Datasheet
2Mb / 58P
WXGA Near-Infared DMD
DLP4501 TI1-DLP4501 Datasheet
533Kb / 36P
WXGA S311 DMD
DLP650NE TI1-DLP650NE Datasheet
4Mb / 44P
0.65 1080p S600 DMD
DLP3030-Q1 TI1-DLP3030-Q1 Datasheet
143Kb / 7P
0.3 WVGA S450 DMD
DLP650LE TI1-DLP650LE Datasheet
737Kb / 38P
0.65 WXGA DMD
DLP650LNIR TI1-DLP650LNIR Datasheet
1Mb / 52P
0.65 NIR WXGA S450 DMD
DLP4500 TI1-DLP4500_19 Datasheet
2Mb / 61P
DLP4500 .45 WXGA DMD
DLP4501 TI1-DLP4501_19 Datasheet
531Kb / 37P
45 WXGA S311 DMD
DLP651NE TI-DLP651NE Datasheet
1Mb / 43P
DLP651NE 0.65 1080p DMD
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com