Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV11873PWPR.A Datasheet (PDF) - Texas Instruments

DRV11873PWPR.A Datasheet PDF - Texas Instruments
Part # DRV11873PWPR.A
Download  DRV11873PWPR.A Download
File Size   1168.25 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV11873 12-V, 3-Phase, Sensorless BLDC Motor Driver

DRV11873PWPR.A Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV11873PWPR.A Datasheet PDF - Texas Instruments

Part # DRV11873PWPR.A
Download  DRV11873PWPR.A Click to download

File Size   1168.25 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV11873 12-V, 3-Phase, Sensorless BLDC Motor Driver

DRV11873PWPR.A Datasheet (HTML) - Texas Instruments


DRV11873PWPR.A Product details

1 Features
1• Input Voltage Range: 5 to 16 V
• Six Integrated MOSFETs With 1.5-A Continuous
Output Current
• Total Driver H + L RDSON 450 mΩ
• Sensorless Proprietary BMEF Control Scheme
• 150° Commutation
• Synchronous Rectification PWM Operation
• FG and RD Open-Drain Output
• 5-V LDO for External Use up to 20 mA
• PWMIN Input from 7 to 100 kHz
• Overcurrent Protection With Adjustable Limit
Through External Resistor
• Lock Detection
• Voltage Surge Protection
• UVLO
• Thermal Shutdown

2 Applications
• Appliance Cooling Fan
• Desktop Cooling Fan
• Server Cooling Fan

3 Description
DRV11873 is a three-phase, sensorless motor driver
with integrated power MOSFETs with drive current capability up to 1.5-A continuous and 2-A peak.
DRV11873 is specifically designed for fan motor drive
applications with low noise and low external
component count. DRV11873 has built-in overcurrent
protection with no external current sense resistor needed. The synchronous rectification mode of
operation achieves increased efficiency for motor
driver applications. DRV11873 outputs FG and RD to
indicate motor status with open-drain output. A 150° sensorless BEMF control scheme is implemented for
a three-phase motor. DRV11873 is available in the
thermally-efficient 16-pin TSSOP package. The
operation temperature is specified from –40°C to
125°C.




Similar Part No. - DRV11873PWPR.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV11873PWPR TI-DRV11873PWPR Datasheet
844Kb / 16P
12-V, 3-PHASE, SENSORLESS BLDC MOTOR DRIVER
DRV11873PWPR TI1-DRV11873PWPR Datasheet
1Mb / 24P
12-V, 3-Phase, Sensorless BLDC Motor Driver
More results


Similar Description - DRV11873PWPR.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV11873 TI-DRV11873 Datasheet
863Kb / 16P
12-V, 3-PHASE, SENSORLESS BLDC MOTOR DRIVER
DRV11873PWPR TI-DRV11873PWPR Datasheet
844Kb / 16P
12-V, 3-PHASE, SENSORLESS BLDC MOTOR DRIVER
DRV11873 TI1-DRV11873_14 Datasheet
1Mb / 24P
12-V, 3-Phase, Sensorless BLDC Motor Driver
DRV10975 TI1-DRV10975 Datasheet
1Mb / 57P
12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974 TI1-DRV10974 Datasheet
1Mb / 29P
12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974 TI1-DRV10974_18 Datasheet
1Mb / 29P
12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975 TI1-DRV10975_18 Datasheet
1Mb / 64P
12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975_018 TI1-DRV10975_018 Datasheet
1Mb / 65P
12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974_1807 TI1-DRV10974_1807 Datasheet
1Mb / 37P
12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974_1809 TI1-DRV10974_1809 Datasheet
1Mb / 40P
12-V, Three-Phase, Sensorless BLDC Motor Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com