Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8303 Datasheet (PDF) - Texas Instruments

DRV8303 Datasheet PDF - Texas Instruments
Part # DRV8303
Download  DRV8303 Download
File Size   1229.12 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV8303 Three-Phase Gate Driver With Dual-Current Shunt Amplifiers

DRV8303 Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV8303 Datasheet PDF - Texas Instruments

Part # DRV8303
Download  DRV8303 Click to download

File Size   1229.12 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV8303 Three-Phase Gate Driver With Dual-Current Shunt Amplifiers

DRV8303 Datasheet (HTML) - Texas Instruments


DRV8303 Product details

1 Features
1• 6-V to 60-V Operating Supply Voltage Range
• 1.7-A Source and 2.3-A Sink Gate Drive Current
Capability
• Slew Rate Control for EMI Reduction
• Bootstrap Gate Driver With 100% Duty Cycle
Support
• 6 or 3 PWM Input Modes
• Dual Integrated Current-Shunt Amplifiers With
Adjustable Gain and Offset
• 3.3-V and 5-V Interface Support
• Serial Peripheral Interface (SPI)
• Protection Features:
– Programmable Dead Time Control (DTC)
– Programmable Overcurrent Protection (OCP)
– PVDD and GVDD Undervoltage Lockout
(UVLO)
– GVDD Overvoltage Lockout (OVLO)
– Overtemperature Warning/Shutdown
(OTW/OTS)
– Reported through nFAULT, nOCTW, and SPI
Registers

2 Applications
• 3-Phase BLDC and PMSM Motors
• CPAP and Pump
• E-Bikes
• Power Tools
• Robotics and RC Toys
• Industrial Automation

3 Description
The DRV8303 is a gate driver IC for three-phase
motor-drive applications. The device provides three
half bridge drivers, each capable of driving two Nchannel
MOSFETs. The device supports up to 1.7-A
source and 2.3-A peak current capability. The
DRV8303 can operate off of a single power supply
with a wide range from 6-V to 60-V. It uses a
bootstrap gate-driver architecture with trickle charge
circuitry to support 100% duty cycle. The DRV8303
uses automatic hand shaking when the high-side or
low-side MOSFET is switching to prevent current
shoot through. Integrated VDS sensing of the highside
and low-side MOSFETs is used to protect the
external power stage against overcurrent conditions.
The DRV8303 includes two current-shunt amplifiers
for accurate current measurement. The amplifiers
support bi-directional current sensing and provide and
adjustable output offset up to 3 V.
The serial peripheral interface (SPI) provides detailed
fault reporting and flexible parameter settings such as
gain options for the current-shunt amplifiers and slewrate
control of the gate drivers.




Similar Part No. - DRV8303

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8303 TI1-DRV8303 Datasheet
1Mb / 29P
THREE PHASE PRE-DRIVER WITH DUAL CURRENT SHUNT AMPLIFIERS
DRV8303 TI1-DRV8303 Datasheet
1Mb / 29P
THREE PHASE PRE-DRIVER WITH DUAL CURRENT SHUNT AMPLIFIERS
DRV8303 TI2-DRV8303 Datasheet
1Mb / 39P
DRV8303 Three-Phase Gate Driver With Dual-Current Shunt Amplifiers
REVISED DECEMBER 2016
DRV8303DCA TI1-DRV8303DCA Datasheet
1Mb / 29P
THREE PHASE PRE-DRIVER WITH DUAL CURRENT SHUNT AMPLIFIERS
DRV8303DCA TI1-DRV8303DCA Datasheet
1Mb / 29P
THREE PHASE PRE-DRIVER WITH DUAL CURRENT SHUNT AMPLIFIERS
More results


Similar Description - DRV8303

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8301 TI-DRV8301 Datasheet
387Kb / 26P
Three Phase Pre-Driver with Dual Current Shunt Amplifiers and Buck Regulator
DRV8301 TI1-DRV8301_12 Datasheet
356Kb / 26P
Three Phase Pre-Driver with Dual Current Shunt Amplifiers and Buck Regulator
DRV8301-Q1 TI1-DRV8301-Q1 Datasheet
413Kb / 28P
AUTOMOTIVE THREE PHASE PRE-DRIVER WITH DUAL CURRENT SHUNT AMPLIFIERS
DRV8303 TI1-DRV8303 Datasheet
1Mb / 29P
THREE PHASE PRE-DRIVER WITH DUAL CURRENT SHUNT AMPLIFIERS
DRV8301-Q1 TI1-DRV8301-Q1 Datasheet
413Kb / 28P
AUTOMOTIVE THREE PHASE PRE-DRIVER WITH DUAL CURRENT SHUNT AMPLIFIERS
DRV8303 TI1-DRV8303 Datasheet
1Mb / 29P
THREE PHASE PRE-DRIVER WITH DUAL CURRENT SHUNT AMPLIFIERS
DRV8303EVM TI1-DRV8303EVM Datasheet
1Mb / 29P
THREE PHASE PRE-DRIVER WITH DUAL CURRENT SHUNT AMPLIFIERS
DRV8301 TI1-DRV8301_14 Datasheet
408Kb / 28P
Three Phase Pre-Driver with Dual Current Shunt Amplifiers and Buck Regulator
DRV8305 TI-DRV8305_15 Datasheet
2Mb / 53P
DRV8305 Three Phase Gate Driver With Current Shunt Amplifiers and Voltage Regulator
DRV3245A-Q1 TI1-DRV3245A-Q1 Datasheet
129Kb / 6P
DRV3245A-Q1 Three-Phase Automotive Gate Driver With Three Integrated Current Shunt Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com