Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8601 Datasheet (PDF) - Texas Instruments

DRV8601 Datasheet PDF - Texas Instruments
Part # DRV8601
Download  DRV8601 Download
File Size   1225.99 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV8601 Haptic Driver for DC Motors (ERMs) and Linear Vibrators (LRAs) With Ultra-Fast Turnon

DRV8601 Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV8601 Datasheet PDF - Texas Instruments

Part # DRV8601
Download  DRV8601 Click to download

File Size   1225.99 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV8601 Haptic Driver for DC Motors (ERMs) and Linear Vibrators (LRAs) With Ultra-Fast Turnon

DRV8601 Datasheet (HTML) - Texas Instruments


DRV8601 Product details

1 Features
1• High Current Output: 400 mA
• Wide Supply Voltage Range (2.5 V to 5.5 V) for
Direct Battery Operation
• Low Quiescent Current: 1.7 mA (Typical)
• Fast Startup Time: 100 μs
• Low Shutdown Current: 10 nA
• Output Short-Circuit Protection
• Thermal Protection
• Enable Pin is 1.8-V Compatible
• Available in a 3-mm x 3-mm VQFN Package
(DRB) and 2-mm x 2-mm MicroStar Junior™
PBGA Package (ZQV)

2 Applications
• Mobile Phones
• Tablets
• Portable Gaming Consoles
• Portable Navigation Devices
• Appliance Consoles

3 Description
The DRV8601 is a single-supply haptic driver that is
optimized to drive a DC motor (also known as
Eccentric Rotating Mass or ERM in haptics
terminology) or a linear vibrator (also known as
Linear Resonant Actuator or LRA in haptics
terminology) using a single-ended PWM input signal.
With a fast turn-on time of 100 μs, the DRV8601 is an
excellent haptic driver for use in mobile phones and
other portable electronic devices.
The DRV8601 drives up to 400 mA from a
3.3-V supply. Near rail-to-rail output swing under load
ensures sufficient voltage drive for most DC motors.
Differential output drive allows the polarity of the
voltage across the output to be reversed quickly,
thereby enabling motor speed control in both
clockwise and counter-clockwise directions, allowing
quick motor stopping. A wide input voltage range
allows precise speed control of both DC motors and
linear vibrators.
With a typical quiescent current of 1.7 mA and a
shutdown current of 10 nA, the DRV8601 is ideal for
portable applications. The DRV8601 has thermal and
output short-circuit protection to prevent the device
from being damaged during fault conditions.




Similar Part No. - DRV8601

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8601 TI1-DRV8601 Datasheet
963Kb / 20P
Haptic Driver for DC Motors (ERMs) and Linear Vibrators (LRAs) with Ultra-Fast Turn-On
DRV8601 TI1-DRV8601 Datasheet
1Mb / 21P
Haptic Driver for DC Motors (ERMs) and Linear Vibrators (LRAs) with Ultra-Fast Turn-On
DRV8601 TI-DRV8601 Datasheet
1Mb / 30P
DRV8601 Haptic Driver for DC Motors (ERMs) and Linear Vibrators (LRAs) With Ultra-Fast Turnon
DRV8601DRBR TI1-DRV8601DRBR Datasheet
963Kb / 20P
Haptic Driver for DC Motors (ERMs) and Linear Vibrators (LRAs) with Ultra-Fast Turn-On
DRV8601DRBR TI-DRV8601DRBR Datasheet
1Mb / 30P
DRV8601 Haptic Driver for DC Motors (ERMs) and Linear Vibrators (LRAs) With Ultra-Fast Turnon
More results


Similar Description - DRV8601

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L292 STMICROELECTRONICS-L292 Datasheet
161Kb / 12P
SWITCH-MODE DRIVER FOR DC MOTORS
Mar-1993
logo
Texas Instruments
DRV8601 TI1-DRV8601 Datasheet
963Kb / 20P
Haptic Driver for DC Motors (ERMs) and Linear Vibrators (LRAs) with Ultra-Fast Turn-On
logo
Fairchild Semiconductor
FAH4830 FAIRCHILD-FAH4830 Datasheet
604Kb / 15P
Haptic Driver for DC Motors (ERMs) and Linear Resonant Actuators (LRAs)
FAH4820 FAIRCHILD-FAH4820 Datasheet
1Mb / 14P
Direct Driver for DC Motors (ERMs)
logo
List of Unclassifed Man...
FAH4840-269128 ETC2-FAH4840-269128 Datasheet
1Mb / 21P
FAH4840 Haptic Driver for Linear Resonant Actuators (LRAs)
logo
Texas Instruments
DRV8601 TI1-DRV8601_14 Datasheet
1Mb / 21P
Haptic Driver for DC Motors (ERMs) and Linear Vibrators (LRAs) with Ultra-Fast Turn-On
logo
ON Semiconductor
CAT3211 ONSEMI-CAT3211 Datasheet
373Kb / 14P
Programmable Haptic Driver for Rotary DC Motors
April, 2013 ??Rev. 0
logo
Texas Instruments
DRV2605L-Q1 TI1-DRV2605L-Q1 Datasheet
2Mb / 67P
Automotive Haptic Driver for LRA and ERM
logo
Diodes Incorporated
PAM8016 DIODES-PAM8016 Datasheet
500Kb / 10P
HAPTIC DRIVER FOR ERM AND LRA
Rev 2.0
logo
Texas Instruments
DRV8601 TI-DRV8601_V01 Datasheet
1Mb / 30P
DRV8601 Haptic Driver for DC Motors (ERMs) and Linear Vibrators (LRAs) With Ultra-Fast Turnon
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com