Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8825 Datasheet (PDF) - Texas Instruments

DRV8825 Datasheet PDF - Texas Instruments
Part # DRV8825
Download  DRV8825 Download
File Size   1224.06 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV8825 Stepper Motor Controller IC

DRV8825 Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV8825 Datasheet PDF - Texas Instruments

Part # DRV8825
Download  DRV8825 Click to download

File Size   1224.06 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV8825 Stepper Motor Controller IC

DRV8825 Datasheet (HTML) - Texas Instruments


DRV8825 Product details

1 Features
1• PWM Microstepping Stepper Motor Driver
– Built-In Microstepping Indexer
– Up to 1/32 Microstepping
• Multiple Decay Modes
– Mixed Decay
– Slow Decay
– Fast Decay
• 8.2-V to 45-V Operating Supply Voltage Range
• 2.5-A Maximum Drive Current at 24 V and
TA = 25°C
• Simple STEP/DIR Interface
• Low Current Sleep Mode
• Built-In 3.3-V Reference Output
• Small Package and Footprint
• Protection Features
– Overcurrent Protection (OCP)
– Thermal Shutdown (TSD)
– VM Undervoltage Lockout (UVLO)
– Fault Condition Indication Pin (nFAULT)

2 Applications
• Automatic Teller Machines
• Money Handling Machines
• Video Security Cameras
• Printers
• Scanners
• Office Automation Machines
• Gaming Machines
• Factory Automation
• Robotics

3 Description
The DRV8825 provides an integrated motor driver
solution for printers, scanners, and other automated equipment applications. The device has two H-bridge
drivers and a microstepping indexer, and is intended
to drive a bipolar stepper motor. The output driver
block consists of N-channel power MOSFET’s configured as full H-bridges to drive the motor
windings. The DRV8825 is capable of driving up to
2.5 A of current from each output (with proper heat
sinking, at 24 V and 25°C).
A simple STEP/DIR interface allows easy interfacing
to controller circuits. Mode pins allow for configuration
of the motor in full-step up to 1/32-step modes. Decay mode is configurable so that slow decay, fast decay,
or mixed decay can be used. A low-power sleep
mode is provided which shuts down internal circuitry
to achieve very low quiescent current draw. This sleep mode can be set using a dedicated nSLEEP
pin.
Internal shutdown functions are provided for
overcurrent, short circuit, under voltage lockout and
over temperature. Fault conditions are indicated via
the nFAULT pin.




Similar Part No. - DRV8825

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8825 TI-DRV8825 Datasheet
634Kb / 22P
STEPPER MOTOR CONTROLLER IC
DRV8825 TI1-DRV8825 Datasheet
1Mb / 32P
Stepper Motor Controller IC
DRV8825 TI2-DRV8825 Datasheet
1Mb / 33P
DRV8825 Stepper Motor Controller IC
REVISED JULY 2014
DRV8825PWP TI1-DRV8825PWP Datasheet
1Mb / 32P
Stepper Motor Controller IC
DRV8825PWP TI2-DRV8825PWP Datasheet
1Mb / 33P
DRV8825 Stepper Motor Controller IC
REVISED JULY 2014
More results


Similar Description - DRV8825

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8811 TI-DRV8811_11 Datasheet
1,023Kb / 22P
STEPPER MOTOR CONTROLLER IC
DRV8825 TI-DRV8825 Datasheet
634Kb / 22P
STEPPER MOTOR CONTROLLER IC
DRV8818 TI-DRV8818 Datasheet
748Kb / 20P
STEPPER MOTOR CONTROLLER IC
DRV8824 TI1-DRV8824 Datasheet
742Kb / 22P
STEPPER MOTOR CONTROLLER IC
DRV8818 TI1-DRV8818_12 Datasheet
714Kb / 20P
STEPPER MOTOR CONTROLLER IC
DRV8711 TI-DRV8711 Datasheet
1Mb / 36P
STEPPER MOTOR CONTROLLER IC
DRV8825 TI-DRV8825_15 Datasheet
1Mb / 32P
DRV8825 Stepper Motor Controller IC
DRV8818 TI1-DRV8818_16 Datasheet
1Mb / 31P
Stepper Motor Controller IC
DRV8824 TI1-DRV8824_16 Datasheet
1Mb / 35P
Stepper Motor Controller IC
DRV8825 TI1-DRV8825_16 Datasheet
1Mb / 32P
Stepper Motor Controller IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com