Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV5056 Datasheet (PDF) - Texas Instruments

DRV5056 Datasheet PDF - Texas Instruments
Part # DRV5056
Download  DRV5056 Download
File Size   1182.1 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV5056-Q1 Automotive Unipolar Ratiometric Linear Hall-Effect Sensor

DRV5056 Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV5056 Datasheet PDF - Texas Instruments

Part # DRV5056
Download  DRV5056 Click to download

File Size   1182.1 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV5056-Q1 Automotive Unipolar Ratiometric Linear Hall-Effect Sensor

DRV5056 Datasheet (HTML) - Texas Instruments


DRV5056 Product details

1 Features
• Qualified for automotive applications
• AEC-Q100 qualified with the following results:
– Device temperature grade 0: –40°C to 150°C
ambient operating temperature range
– Device HBM ESD classification level 2
– Device CDM ESD classification level C4B
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• Unipolar linear hall effect magnetic sensor
• Operates from 3.3-V and 5-V power supplies
• Analog output with 0.6-V quiescent offset:
– Maximizes voltage swing for high accuracy
• Magnetic sensitivity options (at VCC = 5 V):
– A1: 200 mV/mT, 20-mT range
– A2: 100 mV/mT, 39-mT range
– A3: 50 mV/mT, 79-mT range
– A4: 25 mV/mT, 158-mT range
• Fast 20-kHz sensing bandwidth
• Low-noise output with ±1-mA drive
• Compensation for magnet temperature drift
• Standard industry packages:
– Surface-mount SOT-23
– Through-hole TO-92

2 Applications
• Automotive position sensing
• Brake, acceleration, clutch pedals
• Torque sensors, gear shifters
• Throttle position, height leveling
• Powertrain and transmission components
• Current sensing

3 Description
The DRV5056-Q1 is a linear Hall-effect sensor that
responds proportionally to flux density of a magnetic
south pole. The device can be used for accurate
position sensing in a wide range of applications.
Featuring a unipolar magnetic response, the analog
output drives 0.6 V when no magnetic field is present,
and increases when a south magnetic pole is applied.
This response maximizes the output dynamic range
in applications that sense one magnetic pole. Four
sensitivity options further maximize the output swing
based on the required sensing range.
The device operates from 3.3-V or 5-V power
supplies. Magnetic flux perpendicular to the top of
the package is sensed, and the two package options
provide different sensing directions.
The device uses a ratiometric architecture that can
minimize error from VCC tolerance when the external
analog-to-digital converter (ADC) uses the same VCC
for its reference. Additionally, the device features
magnet temperature compensation to counteract how
magnets drift for linear performance across a wide –
40°C to +150°C temperature range.




Similar Part No. - DRV5056

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5056 TI1-DRV5056 Datasheet
1Mb / 32P
Unipolar Ratiometric Linear Hall Effect Sensor
DRV5056 TI1-DRV5056 Datasheet
740Kb / 30P
Automotive Unipolar Ratiometric Linear Hall Effect Sensor
DRV5056 TI1-DRV5056 Datasheet
1Mb / 33P
unipolar ratiometric linear hall effect sensor
DRV5056 TI1-DRV5056 Datasheet
1Mb / 35P
DRV5056 Unipolar Ratiometric Linear Hall Effect Sensor
DRV5056 TI2-DRV5056 Datasheet
965Kb / 34P
DRV5056 Unipolar Ratiometric Linear Hall Effect Sensor
REVISED JUNE 2020
More results


Similar Description - DRV5056

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OHN3150U OPTEK-OHN3150U Datasheet
517Kb / 4P
Ratiometric Linear Hall-effect Sensor
06/05
OMH3150 OPTEK-OMH3150_14 Datasheet
109Kb / 4P
Ratiometric Linear Hall-effect Sensor
logo
Texas Instruments
DRV5055-Q1 TI1-DRV5055-Q1 Datasheet
362Kb / 20P
Automotive Ratiometric Linear Hall Effect Sensor
DRV5056-Q1 TI1-DRV5056-Q1 Datasheet
488Kb / 22P
Automotive Unipolar Ratiometric Linear Hall Effect Sensor
DRV5056 TI1-DRV5056 Datasheet
1Mb / 32P
Unipolar Ratiometric Linear Hall Effect Sensor
DRV5055-Q1 TI1-DRV5055-Q1_18 Datasheet
1Mb / 26P
Automotive Ratiometric Linear Hall Effect Sensor
DRV5056-Q1 TI1-DRV5056-Q1_18 Datasheet
740Kb / 30P
Automotive Unipolar Ratiometric Linear Hall Effect Sensor
logo
TT Electronics.
OMH3150 TTELEC-OMH3150 Datasheet
530Kb / 4P
Ratiometric Linear Hall-Effect Sensor
logo
Texas Instruments
DRV5056 TI1-DRV5056_19 Datasheet
1Mb / 33P
unipolar ratiometric linear hall effect sensor
DRV5056 TI1-DRV5056_V01 Datasheet
1Mb / 35P
DRV5056 Unipolar Ratiometric Linear Hall Effect Sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com