Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS90CF384AMTD/NOPB Datasheet (PDF) - Texas Instruments

DS90CF384AMTD/NOPB Datasheet PDF - Texas Instruments
Part # DS90CF384AMTD/NOPB
Download  DS90CF384AMTD/NOPB Download
File Size   1194.66 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS90CF384A/DS90CF364A 3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link - 65 MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link - 65 MHz

DS90CF384AMTD/NOPB Datasheet (PDF)

Go To PDF Page Download Datasheet
DS90CF384AMTD/NOPB Datasheet PDF - Texas Instruments

Part # DS90CF384AMTD/NOPB
Download  DS90CF384AMTD/NOPB Click to download

File Size   1194.66 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS90CF384A/DS90CF364A 3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link - 65 MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link - 65 MHz

DS90CF384AMTD/NOPB Datasheet (HTML) - Texas Instruments


DS90CF384AMTD/NOPB Product details

1FEATURES
2• 20 to 65 MHz Shift Clock Support
• 50% Duty Cycle on Receiver Output Clock
• Best-in-Class Set & Hold Times on
RxOUTPUTs
• Rx Power Consumption <142 mW (typ)
@65MHz Grayscale
• Rx Power-down Mode <200μW (max)
• ESD Rating >7 kV (HBM), >700V (EIAJ)
• Supports VGA, SVGA, XGA and Dual Pixel
SXGA.
• PLL Requires no External Components
• Compatible with TIA/EIA-644 LVDS Standard
• Low Profile 56-lead or 48-lead Packages

DESCRIPTION
The DS90CF384A receiver converts the four LVDS
data streams (Up to 1.8 Gbps throughput or 227
Megabytes/sec bandwidth) back into parallel 28 bits
of CMOS/TTL data (24 bits of RGB and 4 bits of
Hsync, Vsync, DE and CNTL). Also available is the
DS90CF364A that converts the three LVDS data
streams (Up to 1.3 Gbps throughput or 170
Megabytes/sec bandwidth) back into parallel 21 bits
of CMOS/TTL data (18 bits of RGB and 3 bits of
Hsync, Vsync and DE). Both Receivers' outputs are
Falling edge strobe. A Rising edge or Falling edge
strobe transmitter (DS90C383A/DS90C363A) will
interoperate with a Falling edge strobe Receiver
without any translation logic.
The DS90CF384A / DS90CF364A devices are
enhanced over prior generation receivers and
provided a wider data valid time on the receiver
output.
This chipset is an ideal means to solve EMI and
cable size problems associated with wide, high speed
TTL interfaces.




Similar Part No. - DS90CF384AMTD/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90CF384AMTD/NOPB TI1-DS90CF384AMTD/NOPB Datasheet
1Mb / 22P
3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link - 65MHz
More results


Similar Description - DS90CF384AMTD/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C363A NSC-DS90C363A Datasheet
219Kb / 10P
3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383 NSC-DS90C383 Datasheet
344Kb / 20P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383A NSC-DS90C383A Datasheet
258Kb / 11P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90CF384A NSC-DS90CF384A Datasheet
784Kb / 16P
3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link-65 MHz
DS90CF386 NSC-DS90CF386 Datasheet
302Kb / 16P
3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-85 MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link-85 MHz
DS90CF366 NSC-DS90CF366_06 Datasheet
781Kb / 16P
3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-85MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link-85MHz
DS90C383A NSC-DS90C383A_03 Datasheet
304Kb / 11P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
logo
Texas Instruments
DS90CF384AQ TI1-DS90CF384AQ Datasheet
306Kb / 12P
DS90CF384AQ 3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link - 65 MHz
DS90CF384AMTDX TI1-DS90CF384AMTDX Datasheet
1Mb / 19P
DS90CF384A/DS90CF364A 3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link - 65 MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link - 65 MHz
DS90CF384AQ TI1-DS90CF384AQ_15 Datasheet
1Mb / 18P
3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link - 65 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com