Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDS312DBVR Datasheet (PDF) - Texas Instruments

ESDS312DBVR Datasheet PDF - Texas Instruments
Part # ESDS312DBVR
Download  ESDS312DBVR Download
File Size   1201.53 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ESDS31x Data-Line Surge and ESD Protection Diode Array

ESDS312DBVR Datasheet (PDF)

Go To PDF Page Download Datasheet
ESDS312DBVR Datasheet PDF - Texas Instruments

Part # ESDS312DBVR
Download  ESDS312DBVR Click to download

File Size   1201.53 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ESDS31x Data-Line Surge and ESD Protection Diode Array

ESDS312DBVR Datasheet (HTML) - Texas Instruments


ESDS312DBVR Product details

1 Features
• IEC 61000-4-2 ESD protection:
– ±30kV Contact Discharge
– ±30kV Air Gap Discharge
• IEC 61000-4-4 EFT protection:
– 80A (5/50ns)
• IEC 61000-4-5 surge protection:
– 25A (8/20μs)
• IO capacitance:
– 4.5pF (typical)
• DC breakdown voltage: 5.5V (minimum)
• Ultra low leakage current: 5nA (typical)
• Supports high speed interfaces up to 5Gbps
• Industrial temperature range: –40°C to +125°C
• Easy flow-through routing package (ESDS312)

2 Applications
• End equipment:
– Ethernet switches
– Access points
– Gateways
– Printers
– DVR and NVR
• Interfaces:
– Ethernet™ 10/100/1000Mbps
– USB™ 2.0
– GPIO

3 Description
The ESDS31x devices are unidirectional TVS ESD
protection diode array for Ethernet, USB and general
purpose data line surge protection up to 25A (8/20μs).
The ESDS31x devices are rated to dissipate ESD
strikes above the maximum level specified in the IEC
61000-4-2 international standard (Level 4).
The devices feature a 4.5pF IO capacitance per
channel making the device an excellent choice for
protecting high-speed interfaces such as Ethernet
10/100/1000, USB 2.0 and GPIO. The low dynamic
resistance and low clamping voltage provides system
level protection against transient events.




Similar Part No. - ESDS312DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ESDS312DBVR TI1-ESDS312DBVR Datasheet
1Mb / 21P
Data-Line Surge and ESD Protection Diode Array
ESDS312DBVR TI1-ESDS312DBVR Datasheet
1Mb / 24P
ESDS31x Data-Line Surge and ESD Protection Diode Array
FEBRUARY 2024
ESDS312DBVR TI2-ESDS312DBVR Datasheet
1Mb / 24P
ESDS31x Data-Line Surge and ESD Protection Diode Array
REVISED FEBRUARY 2024
ESDS312DBVR.B TI2-ESDS312DBVR.B Datasheet
1Mb / 24P
ESDS31x Data-Line Surge and ESD Protection Diode Array
REVISED FEBRUARY 2024
More results


Similar Description - ESDS312DBVR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUP4302MR6 ONSEMI-NUP4302MR6 Datasheet
84Kb / 4P
Schottky Diode Array for Four Data Line ESD Protection
December, 2004 ??Rev. 2
logo
Littelfuse
SP3050 LITTELFUSE-SP3050 Datasheet
282Kb / 7P
Low Capacitance Diode Array for ESD and Surge Protection
logo
ON Semiconductor
NUP4302MR6 ONSEMI-NUP4302MR6_06 Datasheet
123Kb / 4P
Schottky Diode Array for Four Data Line ESD Protection
March, 2006 ??Rev. 3
logo
Union Semiconductor, In...
UM5075 UNIONSEMI-UM5075 Datasheet
232Kb / 8P
Single Line ESD Protection Diode Array
UESD6V8S2B UNIONSEMI-UESD6V8S2B_15 Datasheet
175Kb / 6P
Dual Line ESD Protection Diode Array
logo
Semtech Corporation
RCLAMP0512TQ SEMTECH-RCLAMP0512TQ Datasheet
2Mb / 13P
2-Line Surge and ESD Protection
RCLAMP3324P SEMTECH-RCLAMP3324P_16 Datasheet
755Kb / 8P
4-Line Surge and ESD Protection
logo
Texas Instruments
ESDS312 TI1-ESDS312 Datasheet
548Kb / 17P
Data-Line Surge and ESD Protection Diode Array
ESDS312 TI1-ESDS312_18 Datasheet
1Mb / 21P
Data-Line Surge and ESD Protection Diode Array
logo
ON Semiconductor
NSPM1042 ONSEMI-NSPM1042 Datasheet
228Kb / 8P
ESD and Surge Protection Diode
March, 2019 ??Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com