Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD3SS214I Datasheet (PDF) - Texas Instruments

HD3SS214I Datasheet PDF - Texas Instruments
Part # HD3SS214I
Download  HD3SS214I Download
File Size   1213.22 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HD3SS214 8.1 Gbps DisplayPort 1.4 2:1/1:2 Differential Switch

HD3SS214I Datasheet (PDF)

Go To PDF Page Download Datasheet
HD3SS214I Datasheet PDF - Texas Instruments

Part # HD3SS214I
Download  HD3SS214I Click to download

File Size   1213.22 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HD3SS214 8.1 Gbps DisplayPort 1.4 2:1/1:2 Differential Switch

HD3SS214I Datasheet (HTML) - Texas Instruments


HD3SS214I Product details

1 Features
• Compatible with DisplayPort 1.4 electrical standard
• 2:1 and 1:2 switching supporting data rates up to
8.1 Gbps
• Supports HPD, AUX and DDC switching
• Wide differential BW of 8 GHz
• Excellent dynamic electrical characteristics
• VDD operating range 3.3 V ±10%
• Extended industrial temperature range of
-40°C to 105°C
• 5 mm x 5 mm, 50-ball nFBGA package
• Output enable (OE) pin disables switch to save
power
• Power consumption
– Active < 2 mW typical
– Standby < 10 μW typical (when OE = L)

2 Applications
• PC & notebooks
• Tablets
• Connected peripherals & printers

3 Description
HD3SS214 is a high-speed passive switch capable of
switching two full DisplayPort 4 lane ports from one of
two sources to one target location in an application. It
will also switch one source to one of two sinks. For
DisplayPort Applications, the HD3SS214 supports
switching of the Auxiliary (AUX), Display Data
Channel (DDC) and Hot Plug Detect (HPD) signals in
the nFBGA ZXH package.
One typical application would be a mother board that
includes two GPUs that need to drive one DisplayPort
sink. The GPU is selected by the Dx_SEL pin.
Another application is when one source needs to
switch between one of two sinks, example would be a
side connector and a docking station connector. The
switching is controlled using the Dx_SEL and
AUX_SEL pins. The HD3SS214 operates from a
single supply voltage of 3.3 V over extended industrial
temperature range -40°C to 105°C.




Similar Part No. - HD3SS214I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS214I TI1-HD3SS214I Datasheet
1Mb / 25P
8.1 Gbps DisplayPort 1.3 2:1/1:2 Differential Switch
HD3SS214I TI-HD3SS214I Datasheet
1Mb / 32P
HD3SS214 8.1 Gbps DisplayPort 1.4 2:1/1:2 Differential Switch
HD3SS214IZQER TI1-HD3SS214IZQER Datasheet
1Mb / 25P
8.1 Gbps DisplayPort 1.3 2:1/1:2 Differential Switch
HD3SS214IZQER TI-HD3SS214IZQER Datasheet
1Mb / 32P
HD3SS214 8.1 Gbps DisplayPort 1.4 2:1/1:2 Differential Switch
HD3SS214IZXHR TI-HD3SS214IZXHR Datasheet
1Mb / 32P
HD3SS214 8.1 Gbps DisplayPort 1.4 2:1/1:2 Differential Switch
More results


Similar Description - HD3SS214I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75DP128 TI-SN75DP128 Datasheet
674Kb / 25P
DisplayPort 1:2 Switch
HD3SS213ZQER TI1-HD3SS213ZQER Datasheet
257Kb / 14P
5.4Gbps DisplayPort 1.2a 2:1/1:2 Differential Switch
HD3SS213 TI1-HD3SS213_14 Datasheet
258Kb / 15P
5.4Gbps DisplayPort 1.2a 2:1/1:2 Differential Switch
HD3SS214 TI1-HD3SS214 Datasheet
1Mb / 25P
8.1 Gbps DisplayPort 1.3 2:1/1:2 Differential Switch
HD3SS215 TI1-HD3SS215_15 Datasheet
1Mb / 31P
HD3SS215 6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
HD3SS214 TI1-HD3SS214_16 Datasheet
1Mb / 25P
8.1 Gbps DisplayPort 1.3 2:1/1:2 Differential Switch
HD3SS215 TI1-HD3SS215 Datasheet
1Mb / 32P
6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
HD3SS213 TI-HD3SS213 Datasheet
2Mb / 29P
HD3SS213 5.4-Gbps DisplayPort 1.2a 2:1 and 1:2 Differential Switch
HD3SS214 TI-HD3SS214_V01 Datasheet
1Mb / 32P
HD3SS214 8.1 Gbps DisplayPort 1.4 2:1/1:2 Differential Switch
HD3SS215 TI-HD3SS215_V01 Datasheet
2Mb / 39P
HD3SS215 6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com