Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9412 Datasheet (PDF) - NXP Semiconductors

PCA9412 Datasheet PDF - NXP Semiconductors
Part # PCA9412
Download  PCA9412 Download
File Size   1107.02 Kbytes
Page   27 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 3.0 MHz, 300 mA, DC-to-DC boost converter

PCA9412 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA9412 Datasheet PDF - NXP Semiconductors

Part # PCA9412
Download  PCA9412 Click to download

File Size   1107.02 Kbytes
Page   27 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 3.0 MHz, 300 mA, DC-to-DC boost converter

PCA9412 Datasheet (HTML) - NXP Semiconductors


PCA9412 Product details

1. General description
The PCA9412 and PCA9412A are highly efficient 3.0 MHz, 300 mA, step-up DC-to-DC converters. They convert input voltages from 2.5 V to 5.25 V to a fixed output voltage of 5.4 V.
These devices are optimized for battery-powered applications. High efficiency of up to 94 % enables an extended battery life in all portable designs. Step-up operation at a switching frequency of 3 MHz allows using 1 H inductor or smaller.
2. Features and benefits
Efficiency up to 94 %
VINVO, (Pass-Through Mode Operation)
Load disconnect
Current-mode controller
Soft start function for limiting inrush current with true load disconnect
Overcurrent and over-temperature protection
The PCA9412 totally disconnects input to output when disabled
The PCA9412A connects input to output when disabled
Wafer-Level Chip-Size Package (WLCSP) with 0.4 mm pitch; allows for the use of a smaller antenna, or for greater signal strength
3. Applications
Smartphones
NFC terminals




Similar Part No. - PCA9412

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9410 NXP-PCA9410 Datasheet
1Mb / 27P
3.0 MHz, 500 mA, DC-to-DC boost converter
Rev. 1-5 August 2016
PCA9410A NXP-PCA9410A Datasheet
1Mb / 27P
3.0 MHz, 500 mA, DC-to-DC boost converter
Rev. 1-5 August 2016
PCA9411 NXP-PCA9411 Datasheet
1Mb / 28P
3.0 MHz, 500 mA, DC-to-DC boost converter
Rev. 1.1-5 August 2016
PCA9411A NXP-PCA9411A Datasheet
1Mb / 28P
3.0 MHz, 500 mA, DC-to-DC boost converter
Rev. 1.1-5 August 2016
More results


Similar Description - PCA9412

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2503 AD-ADP2503 Datasheet
1Mb / 16P
600 mA/1000 mA, 2.5 MHz Buck-Boost DC-to-DC Converter
Rev. PrB
logo
Taiwan Semiconductor Co...
TS1935B TSC-TS1935B Datasheet
84Kb / 6P
1.9A / 1.2MHz Boost DC to Dc Converter
TS1909 TSC-TS1909 Datasheet
311Kb / 6P
MicroPower VFM Boost DC to Dc Converter
TS1935B TSC-TS1935B_13 Datasheet
375Kb / 8P
1.9A / 1.2MHz Boost DC to Dc Converter
logo
Analog Devices
ADP1607ACPZN-R7 AD-ADP1607ACPZN-R7 Datasheet
626Kb / 16P
2 MHz, Synchronous Boost DC-to-DC Converter
REV. C
ADP1607ACPZN-R7 AD-ADP1607ACPZN-R7 Datasheet
626Kb / 16P
2 MHz, Synchronous Boost DC-to-DC Converter
REV. C
logo
STMicroelectronics
STBB2 STMICROELECTRONICS-STBB2 Datasheet
2Mb / 25P
800 mA 2.5 MHz, high efficiency dual mode buck-boost DC-DC converter
12-Feb-2014
logo
NXP Semiconductors
PCA9410 NXP-PCA9410 Datasheet
1Mb / 27P
3.0 MHz, 500 mA, DC-to-DC boost converter
Rev. 1-5 August 2016
PCA9411 NXP-PCA9411 Datasheet
1Mb / 28P
3.0 MHz, 500 mA, DC-to-DC boost converter
Rev. 1.1-5 August 2016
logo
Analog Devices
ADP2503 AD-ADP2503_V01 Datasheet
1Mb / 16P
600 mA/1000 mA, 2.5 MHz Buck-Boost DC-to-DC Converters
Rev. D
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com