Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTN36043BX Datasheet (PDF) - NXP Semiconductors

PTN36043BX Datasheet PDF - NXP Semiconductors
Part # PTN36043BX
Download  PTN36043BX Download
File Size   857.19 Kbytes
Page   29 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description USB Type-C SuperSpeed active switch

PTN36043BX Datasheet (PDF)

Go To PDF Page Download Datasheet
PTN36043BX Datasheet PDF - NXP Semiconductors

Part # PTN36043BX
Download  PTN36043BX Click to download

File Size   857.19 Kbytes
Page   29 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description USB Type-C SuperSpeed active switch

PTN36043BX Datasheet (HTML) - NXP Semiconductors


PTN36043BX Product details

1. General description
PTN36043 is a very small, low power 2 differential channel 2 to 1 active multiplex/demultiplexer switch with integrated SuperSpeed USB 3.1 Gen 1 (also known as USB 3.0) redriver IC that can switch two differential signals to one of two locations. The active switch has optimized performance with minimized crosstalk, as required by the high-speed serial interface for USB Type-C connector. PTN36043 allows expansion of existing high-speed ports for very low power consumption.
With integrated USB 3.1 Gen 1 redriver, signal quality is enhanced by performing receive equalization on the deteriorated input signal followed by transmit de-emphasis maximizing system link performance. With its superior differential signal conditioning and enhancement capability, the device delivers significant flexibility and performance scaling for various systems with different PCB characteristics and cable channel conditions and still benefit from optimum power consumption.
PTN36043 has built-in advanced power management capability that enables significant power savings under various different USB 3.1 Gen 1 Low-power modes (U2/U3). It can detect link electrical conditions and can dynamically activate/de-activate internal circuitry and logic. The device performs these actions without host software intervention and conserves power.
PTN36043 is powered from a 1.8 V supply and is available in a small DHX2QFN18 package (2.4 mm  2.0 mm  0.35 mm) with 0.4 mm pitch.
2. Features and benefits
2 bidirectional differential channel, 2 : 1 multiplex/demultiplexer switch, supports USB 3.1 Gen 1 specification (SuperSpeed only)
Compliant to SuperSpeed USB 3.1 Gen 1 standard
Pin out data flow matches USB Type-C connector pin assignments
Two control pins for each channel to select optimized signal conditions
Receive equalization on each channel to recover from InterSymbol Interference (ISI) and high-frequency losses, with provision to choose equalization gain settings per channel
Transmit de-emphasis on each channel delivers pre-compensation suited to channel conditions
Output swing adjustment
Integrated termination resistors provide impedance matching on both transmit and receive sides
Automatic receiver termination detection
Low active power: 203 mW/113 mA (typical) for VDD = 1.8 V
Power-saving states:
1.35 mW/0.75 mA (typical) when in U2/U3 states
0.81 mW/0.45 mA (typical) when no connection detected
Excellent differential and common return loss performance
14 dB differential and 15 dB common-mode return loss for 10 MHz to 1250 MHz
Flow-through pinout to ease PCB layout and minimize crosstalk effects
Power supply: VDD = 1.8 V (typical)
Compliant with JESD 78 Class II latch up test standard
Very thin DHX2QFN18 package: 2.4 mm x 2.0 mm x 0.35 mm, 0.4 mm pitch
ESD protection exceeds 7000 V HBM per JDS-001-2012 and 1000 V CDM per JESD22-C101
Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
Operating temperature range: 40°C to +85°C
3. Applications
USB 3.1 Gen 1 application for USB Type-C connectors
Smart Phones, Tablets/Mobile Devices
Desktop/Notebook Computers
Docking Stations
USB 3.1 Gen 1 Peripherals such as flat panel display, consumer/storage devices, printers or USB 3.1 Gen 1 capable hubs/repeaters




Similar Part No. - PTN36043BX

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PTN36043B NXP-PTN36043B Datasheet
375Kb / 26P
USB Type-C SuperSpeed active switch
Rev. 1.0 - 1 December 2023
PTN36043BBX NXP-PTN36043BBX Datasheet
375Kb / 26P
USB Type-C SuperSpeed active switch
Rev. 1.0 - 1 December 2023
PTN36043BBXY NXP-PTN36043BBXY Datasheet
375Kb / 26P
USB Type-C SuperSpeed active switch
Rev. 1.0 - 1 December 2023
More results


Similar Description - PTN36043BX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14978 MAXIM-MAX14978 Datasheet
1Mb / 15P
SuperSpeed USB Passive Switch (Low/Full/Hi/SuperSpeed)
Rev 1; 4/11
logo
Texas Instruments
HD3SS3220 TI1-HD3SS3220 Datasheet
1,003Kb / 43P
USB Type-C DRP Port Controller with SuperSpeed 2:1 MUX
logo
ON Semiconductor
FSA4476 ONSEMI-FSA4476 Datasheet
643Kb / 15P
USB Type-C analog audio switch
May 2017 Rev. 1.3 .2
FSA4480 ONSEMI-FSA4480 Datasheet
257Kb / 29P
USB Type-C Analog Audio Switch
April, 2018 ??Rev. 1
FUSB340 ONSEMI-FUSB340 Datasheet
419Kb / 8P
USB 3.1 SuperSpeed 10 Gbps Switch
September 2017 Rev. 2
FSUSB242 ONSEMI-FSUSB242 Datasheet
355Kb / 12P
Type-C USB Port Protection Switch
September, 2018 ??Rev. 1
logo
NXP Semiconductors
PTN36043A NXP-PTN36043A Datasheet
854Kb / 29P
USB Type-C SuperSpeed active switch
Rev. 1-19 February 2018
logo
Coolgear Inc.
CG-4PU31C1B1 COOLGEAR-CG-4PU31C1B1 Datasheet
121Kb / 3P
USB C Hub 4 Port USB 3.1 Gen1 SuperSpeed Type-B Upstream
CG-4PU31C2P COOLGEAR-CG-4PU31C2P Datasheet
120Kb / 3P
USB C Hub 4 Port USB 3.1 Gen1 SuperSpeed USB C Upstream
logo
NXP Semiconductors
PTN36043B NXP-PTN36043B Datasheet
375Kb / 26P
USB Type-C SuperSpeed active switch
Rev. 1.0 - 1 December 2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com