Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC103IYPT Datasheet (PDF) - STMicroelectronics

TSC103IYPT Datasheet PDF - STMicroelectronics
Part # TSC103IYPT
Download  TSC103IYPT Download
File Size   972.48 Kbytes
Page   25 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High-voltage, high-side current sense amplifier

TSC103IYPT Datasheet (PDF)

Go To PDF Page Download Datasheet
TSC103IYPT Datasheet PDF - STMicroelectronics

Part # TSC103IYPT
Download  TSC103IYPT Click to download

File Size   972.48 Kbytes
Page   25 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High-voltage, high-side current sense amplifier

TSC103IYPT Datasheet (HTML) - STMicroelectronics


TSC103IYPT Product details

Features
• Independent supply and input common-mode
voltages
• Wide common-mode operating range:
2.9 V to 70 V in single-supply configuration,
-2.1 V to 65 V in dual-supply configuration
• Wide common-mode surviving range:
-16 V to 75 V (reversed battery and load-dump
conditions)
• Supply voltage range:
2.7 to 5.5 V in single-supply configuration
• Low current consumption: ICC max = 360 µA
• Pin selectable gain: 20 V/V, 25 V/V, 50 V/V or
100 V/V
• Buffered output

Applications
• Automotive current monitoring
• DC motor control
• Photo-voltaic systems
• Battery chargers
• Precision current sources
• Current monitoring of notebook computers
• Uninterruptible power supplies
• High-end power supplies




Similar Part No. - TSC103IYPT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSC103IYPT STMICROELECTRONICS-TSC103IYPT Datasheet
370Kb / 23P
High-voltage, high-side current sense amplifier
04-Jan-2010
More results


Similar Description - TSC103IYPT

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3181FVM ROHM-BD3181FVM Datasheet
171Kb / 6P
High-Side Current-Sense Amplifier
logo
Linear Technology
LTC6103 LINER-LTC6103 Datasheet
269Kb / 16P
Dual High Voltage, High Side Current Sense Amplifier
logo
STMicroelectronics
TSC101 STMICROELECTRONICS-TSC101 Datasheet
146Kb / 18P
High side current sense amplifier
05-Mar-2007
TSC101 STMICROELECTRONICS-TSC101_1 Datasheet
294Kb / 17P
High side current sense amplifier
22-Oct-2007
TSC103 STMICROELECTRONICS-TSC103 Datasheet
370Kb / 23P
High-voltage, high-side current sense amplifier
04-Jan-2010
TSC1021 STMICROELECTRONICS-TSC1021 Datasheet
161Kb / 12P
High-side current sense amplifier
23-Sep-2010
TSC1031 STMICROELECTRONICS-TSC1031 Datasheet
534Kb / 26P
High-voltage, high-side current sense amplifier
29-Apr-2011
logo
List of Unclassifed Man...
SI8540 ETC2-SI8540 Datasheet
173Kb / 18P
HIGH-SIDE CURRENT SENSE AMPLIFIER
logo
Linear Technology
LTC6103 LINER-LTC6103_15 Datasheet
278Kb / 16P
Dual High Voltage, High Side Current Sense Amplifier
logo
Analog Devices
LTC6101 AD-LTC6101 Datasheet
286Kb / 22P
High Voltage High-Side Current Sense Amplifier
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com