Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDC1050DMBR Datasheet (PDF) - Texas Instruments

HDC1050DMBR Datasheet PDF - Texas Instruments
Part # HDC1050DMBR
Download  HDC1050DMBR Download
File Size   1161.84 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HDC1050 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor

HDC1050DMBR Datasheet (PDF)

Go To PDF Page Download Datasheet
HDC1050DMBR Datasheet PDF - Texas Instruments

Part # HDC1050DMBR
Download  HDC1050DMBR Click to download

File Size   1161.84 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HDC1050 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor

HDC1050DMBR Datasheet (HTML) - Texas Instruments


HDC1050DMBR Product details

1 Features
1• Relative Humidity Accuracy ±3% (typical)
• Temperature Accuracy ±0.2°C (typical)
• 14 Bit Measurement Resolution
• 100 nA Sleep Mode Current
• Average Supply Current:
– 710 nA @ 1sps, 11 bit RH Measurement
– 1.3 μA @ 1sps, 11 bit RH and Temperature
Measurement
• Supply Voltage 2.7 V to 5.5 V
• Small 3 mm x 3 mm Device Footprint
• I2C Interface

2 Applications
• HVAC
• Smart Thermostats and Room Monitors
• White Goods
• Printers
• Handheld Meters
• Medical Devices
• Wireless Sensor (TIDA-00374)

3 Description
The HDC1050 is a digital humidity sensor with
integrated temperature sensor that provides excellent measurement accuracy at very low power. The
HDC1050 operates over a wide supply range, and is
a low cost, low power alternative to competitive
solutions in a wide range of common applications. The humidity and temperature sensors are factory
calibrated.




Similar Part No. - HDC1050DMBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HDC1050DMBR TI1-HDC1050DMBR Datasheet
871Kb / 25P
Low Power, High Accuracy Digital Humidity Sensor
HDC1050DMBR TI1-HDC1050DMBR Datasheet
1Mb / 27P
Low Power High Accuracy Digital Humidity Sensor
More results


Similar Description - HDC1050DMBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HDC1000 TI-HDC1000_15 Datasheet
1Mb / 31P
HDC1000 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1008 TI-HDC1008_15 Datasheet
1Mb / 30P
HDC1008 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1050 TI-HDC1050_15 Datasheet
818Kb / 25P
HDC1050 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1000 TI1-HDC1000_16 Datasheet
1Mb / 31P
Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1010 TI1-HDC1010 Datasheet
253Kb / 7P
Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1080 TI1-HDC1080 Datasheet
467Kb / 26P
Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1050 TI1-HDC1050_15 Datasheet
871Kb / 25P
Low Power, High Accuracy Digital Humidity Sensor
HDC1008 TI1-HDC1008 Datasheet
1Mb / 30P
Low Power, High Accuracy Digital Humidity Sensor
HDC1010 TI1-HDC1010_16 Datasheet
254Kb / 8P
Low Power, High Accuracy Digital Humidity Sensor
HDC1050 TI1-HDC1050 Datasheet
1Mb / 27P
Low Power High Accuracy Digital Humidity Sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com