Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA103KU.A Datasheet (PDF) - Texas Instruments

INA103KU.A Datasheet PDF - Texas Instruments
Part # INA103KU.A
Download  INA103KU.A Download
File Size   1233.67 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER

INA103KU.A Datasheet (PDF)

Go To PDF Page Download Datasheet
INA103KU.A Datasheet PDF - Texas Instruments

Part # INA103KU.A
Download  INA103KU.A Click to download

File Size   1233.67 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER

INA103KU.A Datasheet (HTML) - Texas Instruments


INA103KU.A Product details

FEATURES
LOW NOISE: 1nV/ÖHz
LOW THD+N: 0.0009% at 1kHz, G = 100
HIGH GBW: 100MHz at G = 1000
WIDE SUPPLY RANGE: ±9V to ±25V
HIGH CMRR: >100dB
BUILT-IN GAIN SETTING RESISTORS:
G = 1, 100
UPGRADES AD625

APPLICATIONS
HIGH QUALITY MICROPHONE PREAMPS
REPLACES TRANSFORMERS)
MOVING-COIL PREAMPLIFIERS
DIFFERENTIAL RECEIVERS
AMPLIFICATION OF SIGNALS FROM:
Strain Gages (Weigh Scale Applications)
Thermocouples
Bridge Transducers

DESCRIPTION
The INA103 is a very low noise, low distortion monolithic
instrumentation amplifier. Its current-feedback
circuitry achieves very wide bandwidth and excellent
dynamic response. It is ideal for low-level audio
signals such as balanced low-impedance microphones.
The INA103 provides near-theoretical limit noise performance
for 200W source impedances. Many industrial
applications also benefit from its low noise and
wide bandwidth.
Unique distortion cancellation circuitry reduces distortion
to extremely low levels, even in high gain. Its
balanced input, low noise and low distortion provide
superior performance compared to transformer-coupled
microphone amplifiers used in professional audio
equipment.
The INA103’s wide supply voltage (±9 to ±25V) and
high output current drive allow its use in high-level
audio stages as well. A copper lead frame in the plastic
DIP assures excellent thermal performance.
The INA103 is available in 16-pin plastic DIP and
SOL-16 surface-mount packages. Commercial and Industrial
temperature range models are available.




Similar Part No. - INA103KU.A

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA103KU BURR-BROWN-INA103KU Datasheet
297Kb / 12P
Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
INA103KU BURR-BROWN-INA103KU Datasheet
282Kb / 14P
Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA103KU TI1-INA103KU Datasheet
785Kb / 17P
Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA103KU/1K BURR-BROWN-INA103KU/1K Datasheet
282Kb / 14P
Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA103KU/1K TI1-INA103KU/1K Datasheet
785Kb / 17P
Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
More results


Similar Description - INA103KU.A

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA103 BURR-BROWN-INA103 Datasheet
297Kb / 12P
Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA166 TI-INA166 Datasheet
148Kb / 9P
Low-Noise, Low-Distortion, G = 2000 INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA163 BURR-BROWN-INA163 Datasheet
250Kb / 11P
Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER
INA103 BURR-BROWN-INA103_07 Datasheet
282Kb / 14P
Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
INA163 BURR-BROWN-INA163_06 Datasheet
249Kb / 11P
Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA166 TI-INA166_06 Datasheet
147Kb / 9P
Low-Noise, Low-Distortion, G = 2000 INSTRUMENTATION AMPLIFIER
INA217 TI-INA217_07 Datasheet
342Kb / 11P
Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER Replacement for SSM2017
INA103AG TI1-INA103AG Datasheet
785Kb / 17P
Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
INA217 TI1-INA217 Datasheet
966Kb / 25P
Low-Noise, Low-Distortion Instrumentation Amplifier Replacement
INA166 TI1-INA166_08 Datasheet
333Kb / 11P
Low-Noise, Low-Distortion, G = 2000 INSTRUMENTATION AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com